Electronic Components Datasheet Search
  English  ▼

X  

CC3301MOD Datasheet(PDF) 25 Page - Texas Instruments

Part # CC3301MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301MOD Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC3301MOD Datasheet HTML 21Page - Texas Instruments CC3301MOD Datasheet HTML 22Page - Texas Instruments CC3301MOD Datasheet HTML 23Page - Texas Instruments CC3301MOD Datasheet HTML 24Page - Texas Instruments CC3301MOD Datasheet HTML 25Page - Texas Instruments CC3301MOD Datasheet HTML 26Page - Texas Instruments CC3301MOD Datasheet HTML 27Page - Texas Instruments CC3301MOD Datasheet HTML 28Page - Texas Instruments CC3301MOD Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Table 8-1. Layout Recommendations Summary (continued)
ITEM
DESCRIPTION
11
For best results, the RF trace ground layer should be the ground layer immediately below the RF trace. The ground layer should be
solid.
12
There must be no traces or ground under the antenna section.
13
RF traces must be as short as possible. The antenna, RF traces, and modules must be on the edge of the PCB product. The
proximity of the antenna to the enclosure and the enclosure material must also be considered.
8.2.1 General Layout Recommendations
Ensure that the following general layout recommendations are followed:
• Have a solid ground plane and ground vias under the module for stable system and thermal dissipation.
• Do not place signal traces underneath the module on a layer where the module is mounted.
8.2.2 CC330xMOD RF Layout Recommendations
The RF section of this wireless module gets top priority in terms of layout. It is very important for the RF section
to be laid out correctly to ensure optimum performance from the module. A poor layout can cause low-output
power, EVM degradation, sensitivity degradation, and mask violations.
The image below shows the RF placement and routing of the CC3301MOD module with an external antenna.
SMA/U.FL
(Op onal)
RF Trace
Antenna
Matching
CC33x1MOD
Chip Antenna
Figure 8-2. RF Section Layout
Follow these RF layout recommendations for the CC330xMOD device:
• RF traces must have 50Ω impedance and should be no shorter than 9.24mm.
• RF trace bends must be made with gradual curves, and 90° bends must be avoided.
• RF traces must not have sharp corners.
• There must be no traces or ground under the antenna section.
• RF traces must have via stitching on the ground plane beside the RF trace on both sides.
• RF traces must be as short as possible. The antenna, RF traces, and the module must be on the edge of the
PCB product in consideration of the product enclosure material and proximity.
www.ti.com
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com