Electronic Components Datasheet Search
  English  ▼

X  

CC3301MOD Datasheet(PDF) 23 Page - Texas Instruments

Part # CC3301MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301MOD Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC3301MOD Datasheet HTML 19Page - Texas Instruments CC3301MOD Datasheet HTML 20Page - Texas Instruments CC3301MOD Datasheet HTML 21Page - Texas Instruments CC3301MOD Datasheet HTML 22Page - Texas Instruments CC3301MOD Datasheet HTML 23Page - Texas Instruments CC3301MOD Datasheet HTML 24Page - Texas Instruments CC3301MOD Datasheet HTML 25Page - Texas Instruments CC3301MOD Datasheet HTML 26Page - Texas Instruments CC3301MOD Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Table 7-2. Description of CC330xMOD Markings (continued)
MARKING
DESCRIPTION
◯
Pin 1 Indicator
CE logo
CE Compliance Mark
QR Code
Internal Use
7.6.1 Test Grades
See the table below for more information about test grades for CC330xMOD.
Table 7-3. Test Grade Markings for CC330xMOD
TEST GRADE
PART NUMBER
WLAN 2.4GHz
BLUETOOTH LOW ENERGY
00
CC3300MODENIAMOZR
Tested
—
01
CC3301MODENIAMOZR
Tested
Tested
www.ti.com
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com