Electronic Components Datasheet Search
  English  ▼

X  

CC3301MOD Datasheet(PDF) 31 Page - Texas Instruments

Part # CC3301MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301MOD Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC3301MOD Datasheet HTML 27Page - Texas Instruments CC3301MOD Datasheet HTML 28Page - Texas Instruments CC3301MOD Datasheet HTML 29Page - Texas Instruments CC3301MOD Datasheet HTML 30Page - Texas Instruments CC3301MOD Datasheet HTML 31Page - Texas Instruments CC3301MOD Datasheet HTML 32Page - Texas Instruments CC3301MOD Datasheet HTML 33Page - Texas Instruments CC3301MOD Datasheet HTML 34Page - Texas Instruments CC3301MOD Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
www.ti.com
PACKAGE OUTLINE
C
(0.23) TYP
2.1
1.9
0.88
0.72
2X 7.8
2X
7.8
24X 0.65
52X 0.35
0.25
9X
1 0.05
0.7
0.3
1.45
TYP
1.45
TYP
24X 0.65
4X
0.55
0.45
4X 1.1
4X 1.1
52X 0.55
0.45
A
11.1
10.9
B
11.1
10.9
(0.25) TYP
QFM - 2.1 mm max height
MOZ0065A
QUAD FLAT MODULE
4229851/A 07/2023
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
AREA
PIN 1 INDEX
0.1
SEATING PLANE
X0.5)
(45
PIN 1 ID
1
2
15
29
43
56
57
59
60
62
65
63
0.15
C A B
0.05
C
58
61
64
0.15
C A B
0.05
C
14
16
28
30
42
44
SOLDER MASK
TYP
SCALE 1.500
www.ti.com
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com