Electronic Components Datasheet Search
  English  ▼

X  

ADV7182ABCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADV7182ABCPZ Datasheet HTML 1Page - Analog Devices ADV7182ABCPZ Datasheet HTML 2Page - Analog Devices ADV7182ABCPZ Datasheet HTML 3Page - Analog Devices ADV7182ABCPZ Datasheet HTML 4Page - Analog Devices ADV7182ABCPZ Datasheet HTML 5Page - Analog Devices ADV7182ABCPZ Datasheet HTML 6Page - Analog Devices ADV7182ABCPZ Datasheet HTML 7Page - Analog Devices ADV7182ABCPZ Datasheet HTML 8Page - Analog Devices ADV7182ABCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 5 of 102
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
AVDD, DVDD, and PVDD = 1.71 V to 1.89 V; DVDDIO = 1.62 V to 3.63 V, specified at operating temperature range, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
STATIC PERFORMANCE
Resolution (Each ADC)
N
10
Bits
Integral Nonlinearity
INL
CVBS mode
2
LSB
Differential Nonlinearity
DNL
CVBS mode
±0.6
LSB
DIGITAL INPUTS
Input High Voltage
VIH
DVDDIO = 3.3 V
2
V
DVDDIO = 1.8 V
1.2
V
Input Low Voltage
VIL
DVDDIO = 3.3 V
0.8
V
DVDDIO = 1.8 V
0.4
V
Crystal Inputs
VIH
1.2
V
VIL
0.4
V
Input Leakage Current
IIN
−10
+10
μA
SDATA, SCLK
−10
+15
μA
PWRDWN, ALSB
−10
+48
μA
Input Capacitance
CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage
VOH
DVDDIO = 3.3 V
ISOURCE = 0.4 mA
2.4
V
DVDDIO = 1.8 V
ISOURCE = 0.4 mA
1.4
V
Output Low Voltage
VOL
DVDDIO = 3.3 V
ISINK = 3.2 mA
0.4
V
DVDDIO = 1.8 V
ISINK = 1.6 mA
0.2
V
High Impedance Leakage Current
ILEAK
10
μA
Output Capacitance
COUT
20
pF
POWER REQUIREMENTS1, 2
Digital Input/Output Power Supply
DVDDIO
1.62
3.3
3.63
V
Phase-Locked Loop (PLL) Power Supply
PVDD
1.71
1.8
1.89
V
Analog Power Supply
AVDD
1.71
1.8
1.89
V
Digital Power Supply
DVDD
1.71
1.8
1.89
V
Digital Input/Output Supply Current
IDVDDIO
3
mA
PLL Supply Current
IPVDD
12
mA
Analog Supply Current
IAVDD
Single-ended CVBS input
47
mA
Differential CVBS input
69
mA
Single-ended CVBS fast switch
47
mA
Differential CVBS fast switch
69
mA
S-Video input
60
mA
YPrPb input
75
mA
Digital Supply Current
IDVDD
Single-ended CVBS input
60
mA
Differential CVBS input
66
mA
Single-ended CVBS fast switch
60
mA
Differential CVBS fast switch
66
mA
S-Video input
60
mA
YPrPb input
60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com