Electronic Components Datasheet Search
  English  ▼

X  

ADV7182ABCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 5Page - Analog Devices ADV7182ABCPZ Datasheet HTML 6Page - Analog Devices ADV7182ABCPZ Datasheet HTML 7Page - Analog Devices ADV7182ABCPZ Datasheet HTML 8Page - Analog Devices ADV7182ABCPZ Datasheet HTML 9Page - Analog Devices ADV7182ABCPZ Datasheet HTML 10Page - Analog Devices ADV7182ABCPZ Datasheet HTML 11Page - Analog Devices ADV7182ABCPZ Datasheet HTML 12Page - Analog Devices ADV7182ABCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
Data Sheet
ADV7182A
Rev. 0 | Page 9 of 102
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter1
Rating
AVDD to GND
2.2 V
DVDD to GND
2.2 V
PVDD to GND
2.2 V
DVDDIO to GND
4 V
PVDD to DVDD
−0.9 V to +0.9 V
AVDD to DVDD
−0.9 V to +0.9 V
Digital Inputs Voltage
GND − 0.3 V to DVDDIO + 0.3 V
Digital Outputs Voltage
GND − 0.3 V to DVDDIO + 0.3 V
Analog Inputs to Ground
GND − 0.3 V to AVDD + 0.3 V
Maximum Junction Temperature
(TJ MAX)
125°C
Storage Temperature Range
−65°C to +150°C
Infrared Reflow Soldering (20 sec)
JEDEC J-STD-020
1 The absolute maximum ratings assume that DGND pins and the exposed
pad of the ADV7182A are connected together to a common ground plane
(GND); this is part of the recommended layout scheme. See the PCB Layout
Recommendations section for more information. The absolute maximum
ratings are stated in relation to this common ground plane.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure as per JEDEC
JESD51. ψJT is the junction to top thermal characterization
parameter measured on a standard test board, as per JEDEC
JESD51, allowing the heat generated in the ADV7182A die to
flow normally along preferred thermal conduction paths that more
closely represent the thermal flows in a typical application board.
Table 6. Thermal Resistance
Package
θJA
ψJT
Unit
CP-32-121
39.6
0.86
°C/W
1 JEDEC JESD51 2s2p 4-layer PCB with two signal layers and two buried solid
ground planes (GND), and with via nine thermal vias connecting the
exposed pad to the ground plane (GND).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com