Electronic Components Datasheet Search
  English  ▼

X  

ADV7182ABCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 6Page - Analog Devices ADV7182ABCPZ Datasheet HTML 7Page - Analog Devices ADV7182ABCPZ Datasheet HTML 8Page - Analog Devices ADV7182ABCPZ Datasheet HTML 9Page - Analog Devices ADV7182ABCPZ Datasheet HTML 10Page - Analog Devices ADV7182ABCPZ Datasheet HTML 11Page - Analog Devices ADV7182ABCPZ Datasheet HTML 12Page - Analog Devices ADV7182ABCPZ Datasheet HTML 13Page - Analog Devices ADV7182ABCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 10 of 102
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1, 4
DGND
Ground
Ground for Digital Supply.
2
DVDDIO
Power
Digital Input/Output Supply Voltage (1.8 V to 3.3 V).
3, 13
DVDD
Power
Digital Supply Voltage (1.8 V).
5 to 12
P7 to P0
Output
Video Pixel Output Port.
14
XTALP
Output
Output Pin for the Crystal Oscillator Amplifier. Connect this pin to the external 28.63636 MHz crystal, or
leave it unconnected if an external 1.8 V, 28.63636 MHz clock oscillator source is used to clock the
ADV7182A. The crystal used with the ADV7182A must be a fundamental crystal.
15
XTALN
Input
Input Pin for the Crystal Oscillator Amplifier. The crystal used with the ADV7182A must be a
fundamental crystal. If an external 1.8 V, 28.63636 MHz clock oscillator source is used to clock the
ADV7182A, the output of the oscillator is fed into the XTALN pin.
16
PVDD
Power
PLL Supply Voltage (1.8 V).
17, 18,
22, 23
AIN1 to AIN4
Input
Analog Video Input Channels.
19
VREFP
Output
Positive Internal Voltage Reference Output.
20
VREFN
Output
Negative Internal Voltage Reference Output.
21
AVDD
Power
Analog Supply Voltage (1.8 V).
24
INTRQ
Output
Interrupt Request Output. An interrupt occurs when certain signals are detected on the input video.
25
RESET
Input
System Reset Input, Active Low. A minimum low reset pulse width of 5 ms is required to
reset the ADV7182A circuitry.
26
ALSB
Input
Address Least Significant Bit. This pin selects the I2C address for the ADV7182A. For ALSB set to Logic 0,
the address selected for a write is 0x40; for ALSB set to Logic 1, the address selected is 0x42.
27
SDATA
Input/
output
I2C Port Serial Data Input/Output Pin.
28
SCLK
Input
I2C Port Serial Clock Input. The maximum clock rate is 400 kHz.
29
VS/FIELD/SFL
Output
Vertical Synchronization Output Signal (VS)/Field Synchronization Output Signal (FIELD)/
Subcarrier Frequency Lock (SFL). This pin contains a serial output stream that can be used to lock the
subcarrier frequency when this decoder is connected to any Analog Devices, Inc., digital video encoder.
30
HS
Output
Horizontal Synchronization Output Signal.
31
PWRDWN
Input
Power-Down. A logic low on this pin places the ADV7182A in power-down mode.
32
LLC
Output
Line Locked Clock for Output Pixel Data. This pin is nominally 27 MHz but varies up or down according
to the video line length.
EPAD (EP)
Exposed Ground Pad. The exposed pad must be connected, together with the DGND pins, to a
common ground plane (GND).
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED,
TOGETHER WITH THE DGND PINS, TO A
COMMON GROUND PLANE (GND).
24 INTRQ
23 AIN4
22 AIN3
21 AVDD
20 VREFN
19 VREFP
18 AIN2
17 AIN1
1
2
3
4
5
6
7
8
DGND
DVDDIO
DVDD
DGND
P7
P6
P5
P4
ADV7182A
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com