Electronic Components Datasheet Search
  English  ▼

X  

ADV7182ABCPZ Datasheet(PDF) 65 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 65 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 61Page - Analog Devices ADV7182ABCPZ Datasheet HTML 62Page - Analog Devices ADV7182ABCPZ Datasheet HTML 63Page - Analog Devices ADV7182ABCPZ Datasheet HTML 64Page - Analog Devices ADV7182ABCPZ Datasheet HTML 65Page - Analog Devices ADV7182ABCPZ Datasheet HTML 66Page - Analog Devices ADV7182ABCPZ Datasheet HTML 67Page - Analog Devices ADV7182ABCPZ Datasheet HTML 68Page - Analog Devices ADV7182ABCPZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
Data Sheet
ADV7182A
0 | Page 65 of 102
REGISTER ACCESS
The MPU can write to or read from all of the ADV7182A registers
except the subaddress register, which is write only. The subaddress
register determines which register the next read or write operation
accesses. All communications with the device through the bus
start with an access to the subaddress register. A read/write
operation is then performed from or to the target address, which
increments to the next address until a stop command on the bus
is performed. Note that only the registers listed in the I2C Register
Maps section are supported.
REGISTER PROGRAMMING
The following sections describe the configuration for each
register. The communication register is an 8-bit, write only
register. After the device is accessed over the bus and a read/
write operation is selected, the subaddress is set up. The sub-
address register determines to or from which register the
operation takes place.
SUB_USR_EN—Address 0x0E, Bits[6:5]
The ADV7182A has three I2C maps. The main register map (see
Table 93) is the map that is available by default. The other two
maps are accessed using the SUB_USR_EN bit (Address 0x0E).
When programming of these maps is completed, it is necessary
to write to the SUB_USR_EN bit to return to the main register
map (see Table 93).
Figure 48. Register Access—Main Register Map, Interrupt/VDP Map, and User
Sub Map 2
Register Select (SR7 to SR0)
These bits are set up to point to the required starting address.
I2C SEQUENCER
An I2C sequencer is used when a parameter exceeds eight bits
and is, therefore, distributed over two or more I2C registers, for
example, HSB[10:0].
When such a parameter is changed using two or more I2C write
operations, the parameter can hold an invalid value for the time
between the first I2C being completed and the last I2C being
completed. In other words, the top bits of the parameter may
hold the new value while the remaining bits of the parameter still
hold the previous value.
To avoid this problem, the I2C sequencer holds the updated bits
of the parameter in local memory, and all bits of the parameter
are updated together once the last register write operation has
completed.
The correct operation of the I2C sequencer relies on the
following conditions:
All I2C registers for the parameter in question must be
written to in order of ascending addresses. For example, for
HSB[10:0], write to Address 0x34 first, followed by 0x35,
and so on.
No other I2C can take place between the two (or more) I2C
writes for the sequence. For example, for HSB[10:0], write to
Address 0x34 first, immediately followed by 0x35, and so on.
REGISTER 0x0E,
BITS[6:5] = 00b
MAIN REGISTER
MAP
REGISTER 0x0E,
BITS[6:5] = 01b
INTERRUPT/VDP
MAP
REGISTER 0x0E,
BITS[6:5] = 10b
USER SUB MAP
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com