Electronic Components Datasheet Search
  English  ▼

X  

ADV7182ABCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 14Page - Analog Devices ADV7182ABCPZ Datasheet HTML 15Page - Analog Devices ADV7182ABCPZ Datasheet HTML 16Page - Analog Devices ADV7182ABCPZ Datasheet HTML 17Page - Analog Devices ADV7182ABCPZ Datasheet HTML 18Page - Analog Devices ADV7182ABCPZ Datasheet HTML 19Page - Analog Devices ADV7182ABCPZ Datasheet HTML 20Page - Analog Devices ADV7182ABCPZ Datasheet HTML 21Page - Analog Devices ADV7182ABCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 18 of 102
GLOBAL CONTROL REGISTERS
Register control bits described in this section affect the entire chip.
POWER SAVING MODES
Power-Down
PWRDWN—Address 0x0F, Bit 5
The ADV7182A can be placed into a chip wide, power-down mode
by setting the PWRDWN bit or by using the PWRDWN pin. The
power-down mode stops the clock from entering the digital
section of the chip, thereby freezing its operation. No I2C bits are
lost during power-down mode. The PWRDWN bit also affects
the analog blocks and switches them into low current modes.
The I2C interface is unaffected and remains operational in
power-down mode.
When PWRDWN is 0, the chip is operational. When PWRDWN is
1 (default), the ADV7182A is in a chip-wide, power-down mode.
RESET CONTROL
Reset, Chip Reset—Address 0x0F, Bit 7
Setting this bit, which is equivalent to controlling the RESET pin on
the ADV7182A, issues a full chip reset. All I2C registers are reset
to their default/power-up values. Note that some register bits do
not have a reset value specified and keep the last written value.
These bits are marked as having a reset value of x in the register
tables (see Table 96 and Table 98). After the reset sequence, the
device immediately starts to acquire the incoming video signal.
After setting the reset bit (or initiating a reset via the RESET pin),
the device returns to the default for its primary mode of operation.
All I2C bits are loaded with their default values, making this bit
self clearing. Executing a software reset takes approximately 2 ms.
However, it is recommended to wait 5 ms before any further I2C
writes are performed.
The I2C master controller receives a no acknowledge condition
on the ninth clock cycle when chip reset is implemented (see
the I2C Interface section).
When the reset bit is 0 (default), operation is normal. When the
reset bit is 1, the reset sequence starts.
GLOBAL PIN CONTROL
Tristate Output Drivers
TOD—Address 0x03, Bit 6
This bit allows the user to tristate the output drivers of the
ADV7182A.
Upon setting the TOD bit, the P7 to P0, HS, and VS/FIELD/
SFL pins are tristated.
The timing pins (HS and VS/FIELD/SFL) can be forced active
via the TIM_OE bit. For more information on tristate control,
see the Tristate LLC Driver section and the Timing Signals
Output Enable section.
Individual drive strength controls are provided via the
DR_STR_x bits.
When TOD is 0, the output drivers are enabled. When TOD is 1
(default), the output drivers are tristated.
Tristate LLC Driver
TRI_LLC—Address 0x1D, Bit 7
This bit allows the output drivers for the LLC pin of the
ADV7182A to be tristated. For more information on tristate
control, refer to the Tristate Output Drivers section and the
Timing Signals Output Enable section.
Individual drive strength controls are provided via the
DR_STR_x bits.
When TRI_LLC is 0, the LLC pin drivers work according to the
DR_STR_C[1:0] setting (pin enabled). When TRI_LLC is 1
(default), the LLC pin drivers are tristated.
Timing Signals Output Enable
TIM_OE—Address 0x04, Bit 3
Regard the TIM_OE bit as an addition to the TOD bit. Setting
this bit high forces the output drivers for HS and VS/FIELD/SFL
into the active state (that is, driving state), even if the TOD bit is
set. If TIM_OE is set to low, the HS and VS/FIELD/SFL pins
are tristated depending on the TOD bit. This functionality is
beneficial if the decoder is used only as a timing generator,
which may be the case if only the timing signals are extracted
from an incoming signal or if the device is in freerun mode,
where a separate chip can output a company logo, for example.
For more information on tristate control, see the Tristate
Output Drivers section and the Tristate LLC Driver section.
Individual drive strength controls are provided via the
DR_STR_x bits.
When TIM_OE is 0 (default), HS and VS/FIELD/SFL are
tristated according to the TOD bit. When TIM_OE is 1, HS and
VS/FIELD/SFL are always forced active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com