Electronic Components Datasheet Search
  English  ▼

X  

ADV7182ABCPZ Datasheet(PDF) 78 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 78 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 74Page - Analog Devices ADV7182ABCPZ Datasheet HTML 75Page - Analog Devices ADV7182ABCPZ Datasheet HTML 76Page - Analog Devices ADV7182ABCPZ Datasheet HTML 77Page - Analog Devices ADV7182ABCPZ Datasheet HTML 78Page - Analog Devices ADV7182ABCPZ Datasheet HTML 79Page - Analog Devices ADV7182ABCPZ Datasheet HTML 80Page - Analog Devices ADV7182ABCPZ Datasheet HTML 81Page - Analog Devices ADV7182ABCPZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 78 of 102
Main Map
Bits (Shading Indicates Default
State)
Comments
Notes
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
0x2C
AGC mode
control
CAGC[1:0]; chroma automatic
gain control selects the basic
mode of operation for the AGC
in the chroma path
0
0
Manual fixed gain
Use CMG[11:0]
0
1
Uses luma gain for chroma
1
0
Automatic gain
Based on color burst
1
1
Freeze chroma gain
Reserved
1
1
Sets to 1
LAGC[2:0]; luma automatic
gain control selects the mode
of operation for the gain
control in the luma path
0
0
0
Manual fixed gain
Uses LMG[11:0]
0
0
1
AGC peak white algorithm off
Blank level to sync
tip
0
1
0
AGC peak white algorithm on
Blank level to sync
tip
0
1
1
Reserved
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Freeze gain
Reserved
1
Sets to 1
0x2D
Chroma Gain
Control 1,
Chroma
Gain 1 (CG)
CMG[11:8]/CG[11:8]; in manual
mode, the chroma gain control
can be used to program a
desired manual chroma gain; in
auto mode, it can be used to
read back the current gain value
0
1
0
0
CAGC[1:0] settings
decide in which
mode CMG[11:0]
operates
Reserved
1
1
Set to 1
Has an effect only if
CAGC[1:0] is set to
autogain (10)
CAGT[1:0]; chroma automatic
gain timing allows adjustment
of the chroma AGC tracking
speed
0
0
Slow (TC = 2 sec)
0
1
Medium (TC = 1 sec)
1
0
Reserved
1
1
Adaptive
0x2E
Chroma Gain
Control 2,
Chroma
Gain 2 (CG)
CMG[7:0]/CG[7:0]; chroma
manual gain lower eight bits;
see CMG[11:8]/CG[11:8] for
description
0
0
0
0
0
0
0
0
CMG[11:0] = see the CMG
section
Minimum value =
0d, maximum
value = 4095d
0x2F
Luma Gain
Control 1,
Luma Gain 1
(LG)
LMG[11:8]/LG[11:8]; in manual
mode, luma gain control can be
used to program a desired
manual luma gain; in auto
mode, it can be used to read
back the actual gain value used
x
x
x
x
LAGC[1:0] settings decide in
which mode LMG[11:0] operates
Reserved
1
1
Sets to 1
LAGT[1:0]; luma automatic
gain timing allows adjustment
of the luma AGC tracking
speed
0
0
Slow (TC = 2 sec)
Has an effect only if
LAGC[1:0] is set to
autogain (001, 010)
0
1
Medium (TC = 1 sec)
1
0
Fast (TC = 0.2 sec)
1
1
Adaptive
0x30
Luma Gain
Control 2,
Luma Gain 2
(LG)
LMG[7:0]/LG[7:0]; luma manual
gain/ luma gain lower eight bits;
see LMG[11:8]/LG[11:8] for
description
x
x
x
x
x
x
x
x
LMG[7:0]/LG[7:0]; luma manual
gain/luma gain lower eight bits;
see LMG[11:8]/LG[11:8] for
description
Minimum value =
1024d,
Maximum value =
4095d
0x31
VS/FIELD
Control 1
Reserved
0
1
0
Sets to default
HVSTIM; horizontal VSYNC
timing; selects where within a
line of video the VSYNC signal is
asserted
0
Start of line relative to HSE
HSE = HSYNC end
1
Start of line relative to HSB
HSB = HSYNC begin
NEWAVMODE; sets the
EAV/SAV mode
0
EAV/SAV codes generated to
suit Analog Devices encoders
1
Manual VS/FIELD position
controlled by the Register 0x32,
Register 0x33, and Register 0xE5
to Register 0xEA
Reserved
0
0
0
Sets to default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com