Electronic Components Datasheet Search
  English  ▼

X  

ADV7182ABCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADV7182ABCPZ
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182ABCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV7182ABCPZ Datasheet HTML 20Page - Analog Devices ADV7182ABCPZ Datasheet HTML 21Page - Analog Devices ADV7182ABCPZ Datasheet HTML 22Page - Analog Devices ADV7182ABCPZ Datasheet HTML 23Page - Analog Devices ADV7182ABCPZ Datasheet HTML 24Page - Analog Devices ADV7182ABCPZ Datasheet HTML 25Page - Analog Devices ADV7182ABCPZ Datasheet HTML 26Page - Analog Devices ADV7182ABCPZ Datasheet HTML 27Page - Analog Devices ADV7182ABCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
ADV7182A
Data Sheet
Rev. 0 | Page 24 of 102
AD_SECAM_EN, SECAM Autodetect Enable—
Address 0x07, Bit 6
Setting AD_SECAM_EN to 0 (default) disables the autodetection
of SECAM. Setting AD_SECAM_EN to 1 enables the detection
of SECAM.
AD_N443_EN, NTSC 4.43 Autodetect Enable—
Address 0x07, Bit 5
Setting AD_N443_EN to 0 disables the autodetection of NTSC
style systems with a 4.43 MHz color subcarrier. Setting
AD_N443_EN to 1 (default) enables the detection of NTSC
style systems with a 4.43 MHz color subcarrier.
AD_P60_EN, PAL 60 Autodetect Enable—Address 0x07,
Bit 4
Setting AD_P60_EN to 0 disables the autodetection of PAL
systems with a 60 Hz field rate. Setting AD_P60_EN to 1
(default) enables the detection of PAL systems with a 60 Hz
field rate.
AD_PALN_EN, PAL N Autodetect Enable—Address 0x07,
Bit 3
Setting AD_PALN_EN to 0 (default) disables the detection of
the PAL N standard. Setting AD_PALN_EN to 1 enables the
detection of the PAL N standard.
AD_PALM_EN, PAL M Autodetect Enable—
Address 0x07, Bit 2
Setting AD_PALM_EN to 0 (default) disables the autodetection
of PAL M. Setting AD_PALM_EN to 1 enables the detection of
PAL M.
AD_NTSC_EN, NTSC Autodetect Enable—Address 0x07,
Bit 1
Setting AD_NTSC_EN to 0 (default) disables the detection of
standard NTSC. Setting AD_NTSC_EN to 1 enables the
detection of standard NTSC.
AD_PAL_EN, PAL B/PAL D/PAL I/PAL G/PAL H
Autodetect Enable—Address 0x07, Bit 0
Setting AD_PAL_EN to 0 (default) disables the detection of
standard PAL. Setting AD_PAL_EN to 1 enables the detection of
standard PAL.
SFL_INV, Subcarrier Frequency Lock Inversion—
Address 0x41, Bit 6
This bit controls the behavior of the PAL switch bit in the
SFL (genlock telegram) data stream. This control solves some
compatibility issues with video encoders, as well as solving two
problems.
First, the PAL switch bit is meaningful only in PAL. Some encoders
(including Analog Devices encoders) also look at the state of
this bit in NTSC.
The second problem is to accommodate a design change using
newer Analog Devices encoders, such as the ADV7340,
ADV7341, ADV7342, ADV7343, ADV7344, ADV7390,
ADV7391, ADV7392, ADV7393, ADV7171, ADV7172,
ADV7173, ADV7174, ADV7177, and ADV7179. The older
encoders used the SFL (genlock telegram) bit directly, whereas
the newer encoders invert the bit prior to using because the
inversion compensates for the one line delay of an SFL (genlock
telegram) transmission.
As a result, for the newer video encoders (ADV7340, ADV7341,
ADV7342, ADV7343, ADV7344, ADV7390, ADV7391,
ADV7392, ADV7393, ADV7171, ADV7172, ADV7173,
ADV7174, ADV7177, and ADV7179), the PAL switch bit in the
SFL (genlock telegram) must be set to 0 for NTSC to work. For the
older video encoders, the PAL switch bit in the SFL must be set
to 1 to work in NTSC. If the state of the PAL switch bit is
wrong, a 180° phase shift occurs.
In a decoder/encoder back to back system in which SFL is used,
this bit must be set up properly for the specific encoder used.
Setting SFL_INV to 0 (default) makes the device SFL compatible
with newer video encoders such as the ADV7340, ADV7341,
ADV7342, ADV7343, ADV7344, ADV7390, ADV7391,
ADV7392, ADV7393, ADV7171, ADV7172, ADV7173,
ADV7174, ADV7177, and ADV7179.
Setting SFL_INV to 1 makes the device SFL compatible with the
older video encoders.
Lock Related Controls
Lock information is presented to the user through Bits[2:0] of the
Status 1 register (see the Status 1[7:0]—Address 0x10, Bits[7:0]
section). Figure 13 shows the signal flow and the controls available
to influence the way the lock status information is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com