Electronic Components Datasheet Search
  English  ▼

X  

ADC3663 Datasheet(PDF) 34 Page - Texas Instruments

Part # ADC3663
Description  ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3663 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADC3663 Datasheet HTML 30Page - Texas Instruments ADC3663 Datasheet HTML 31Page - Texas Instruments ADC3663 Datasheet HTML 32Page - Texas Instruments ADC3663 Datasheet HTML 33Page - Texas Instruments ADC3663 Datasheet HTML 34Page - Texas Instruments ADC3663 Datasheet HTML 35Page - Texas Instruments ADC3663 Datasheet HTML 36Page - Texas Instruments ADC3663 Datasheet HTML 37Page - Texas Instruments ADC3663 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
8.3.3 Voltage Reference
The ADC366x provides three different options for supplying the voltage reference to the ADC. An external 1.6
V reference can be directly connected to the VREF input; a voltage 1.2 V reference can be connected to the
REFBUF input using the internal gain buffer or the internal 1.2 V reference can be enabled to generate a 1.6 V
reference voltage. For best performance, the reference noise should be filtered by connecting a 10 uF and a 0.1
uF ceramic bypass capacitor to the VREF pin. The internal reference circuitry of the ADC366x is shown in Figure
8-17.
Note
The voltage reference mode can be selected using SPI writes or by using the REFBUF pin (default)
as a control pin (Configuration using PINs only). If the REFBUF pin is not used for configuration, the
REFBUF pin should be connected to AVDD (even though the REFBUF pin has a weak internal pullup
to AVDD) and the voltage reference option has to be selected using the SPI interface.
xINP
xINM
VREF
(1.6V)
REFBUF
(1.2V)
REFGND
VREF1.2
VCM
0.95V
x1.33
Figure 8-17. Different voltage reference options for ADC366x
8.3.3.1 Internal voltage reference
The 1.6 V reference for the ADC can be generated internal using the on-chip 1.2V reference along with the
internal gain buffer. A 10 uF and a 0.1 uF ceramic bypass capacitor (CVREF) should be connected between the
VREF and REFGND pins as close to the pins as possible.
xINP
xINM
VREF
(1.6V)
REFBUF
(1.6V)
REFGND
VREF1.2
VCM
0.95V
x1.33
CVREF
Figure 8-18. Internal reference
ADC3661, ADC3662, ADC3663
SBAS991B – FEBRUARY 2021 – REVISED SEPTEMBER 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3661 ADC3662 ADC3663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com