Electronic Components Datasheet Search
  English  ▼

X  

ADC3663 Datasheet(PDF) 46 Page - Texas Instruments

Part # ADC3663
Description  ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3663 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC3663 Datasheet HTML 42Page - Texas Instruments ADC3663 Datasheet HTML 43Page - Texas Instruments ADC3663 Datasheet HTML 44Page - Texas Instruments ADC3663 Datasheet HTML 45Page - Texas Instruments ADC3663 Datasheet HTML 46Page - Texas Instruments ADC3663 Datasheet HTML 47Page - Texas Instruments ADC3663 Datasheet HTML 48Page - Texas Instruments ADC3663 Datasheet HTML 49Page - Texas Instruments ADC3663 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
2-wire mode: in this mode both the current and the previous sample have to be used in the address space
as shown in Figure 8-42. The address order is different for 14/18-bit and 16/20-bit. Note: there are unused
addresses between samples for resolution less than 20-bit (grey back ground), which can be skipped if not used.
Previous Sample
DB1
DB0
Current Sample
DA1
DA0
0x5F
0x60
0x60
0x5F
0x5D
0x5E
0x5E
0x5D
0x5B
0x5C
0x5C
0x5B
0x59
0x5A
0x5A
0x59
0x57
0x58
0x58
0x57
0x55
0x56
0x56
0x55
0x53
0x54
0x54
0x53
0x51
0x52
0x52
0x51
0x4F
0x50
0x50
0x4F
0x4D
0x4E
0x4E
0x4D
20-bit
18-bit
16-bit
14-bit
20-bit
18-bit
16-bit
14-bit
0x4B
0x4C
0x4C
0x4B
0x49
0x4A
0x4A
0x49
0x47
0x48
0x48
0x47
0x45
0x46
0x46
0x45
0x43
0x44
0x44
0x43
0x41
0x42
0x42
0x41
0x3F
0x40
0x40
0x3F
0x3D
0x3E
0x3E
0x3D
0x3B
0x3C
0x3C
0x3B
0x39
0x3A
0x3A
0x39
0x87
0x88
0x88
0x87
0x85
0x86
0x85
0x86
0x83
0x84
0x83
0x84
0x81
0x82
0x81
0x82
0x7F
0x80
0x7F
0x80
0x7D
0x7E
0x7E
0x7D
0x7B
0x7C
0x7C
0x7B
0x79
0x7A
0x7A
0x79
0x77
0x78
0x78
0x77
0x75
0x76
0x76
0x75
0x73
0x74
0x74
0x73
0x71
0x72
0x72
0x71
0x6F
0x70
0x70
0x6F
0x6D
0x6E
0x6E
0x6D
0x6B
0x6C
0x6C
0x6B
0x69
0x6A
0x6A
0x69
0x67
0x68
0x68
0x67
0x65
0x66
0x66
0x65
0x63
0x64
0x64
0x63
0x61
0x62
0x62
0x61
14/18-bit
14/18-bit
16/20-bit
16/20-bit
14/18-bit
16/20-bit
14/18-bit
16/20-bit
Figure 8-42. 2-wire output bit mapper
In the following example (Figure 8-43), the 16-bit 2-wire serial output is reordered to where lane DA1/DB1 carries
the 8 MSB and lane DA0/DB0 carries 8 LSBs.
DA1
D19A
(0x60
0x2D)
DA0
D11A
(0x4C
0x1D)
D18A
(0x5F
0x2C)
D10A
(0x4B
0x1C)
D17A
(0x5E
0x27)
D9A
(0x4A
0x17)
D16A
(0x5D
0x26)
D8A
(0x49
0x16)
DB1
D19B
(0x88
0x29)
DB0
D11B
(0x74
0x19)
D18B
(0x87
0x28)
D10B
(0x73
0x18)
D17B
(0x86
0x23)
D9B
(0x72
0x13)
D16B
(0x85
0x22)
D8B
(0x71
0x12)
D15A
(0x5C
0x25)
D7A
(0x48
0x15)
D14A
(0x5B
0x24)
D6A
(0x47
0x14)
D13A
(0x5A
0x1F)
D5A
(0x46
0x0F)
D12A
(0x59
0x1E)
D4A
(0x45
0x0E)
D15B
(0x84
0x21)
D7B
(0x70
0x11)
D14B
(0x83
0x20)
D6B
(0x6F
0x10)
D13B
(0x82
0x1B)
D5B
(0x6E
0x0B)
D12B
(0x81
0x1A)
D4B
(0x6D
0x0A)
D19A
(0x56
0x6D)
D11A
(0x42
0x5D)
D18A
(0x55
0x6C)
D10A
(0x41
0x5C)
D17A
(0x54
0x67)
D9A
(0x40
0x57)
D16A
(0x53
0x66)
D8A
(0x39
0x56)
D19B
(0x7E
0x69)
D11B
(0x6A
0x59)
D18B
(0x7D
0x68)
D10B
(0x69
0x58)
D17B
(0x7C
0x63)
D9B
(0x68
0x53)
D16B
(0x7B
0x62)
D8B
(0x67
0x52)
D15A
(0x52
0x65)
D7A
(0x38
0x55)
D14A
(0x51
0x64)
D6A
(0x37
0x54)
D13A
(0x50
0x5F)
D5A
(0x36
0x4F)
D12A
(0x4F
0x5E)
D4A
(0x35
0x4E)
D15B
(0x7A
0x61)
D7B
(0x66
0x51)
D14B
(0x79
0x60)
D6B
(0x65
0x50)
D13B
(0x78
0x5B)
D5B
(0x64
0x4B)
D12B
(0x77
0x5A)
D4B
(0x63
0x4A)
Previous Sample
Current Sample
Figure 8-43. Example: 2-wire output bit mapping
1-wire mode: Only the ‘current’ sample needs to programmed in the address space. If desired, it can be
duplicated on DA1/DB1 as well (using addresses shown below) in order to have a redundant output. Lane
DA1/DB1 needs to be powered up in that case.
DB1
DB0
(default)
DA1
DA0
(default)
0x60
0x5F
0x5E 0x5D 0x5C 0x5B
0x5A 0x59 0x58
0x57
0x56
0x55 0x54
0x53 0x52
0x51
0x50 0x4F
0x4E
0x4D
14-bit
20-bit
18-bit
16-bit
0x4C 0x4B 0x4A 0x49 0x48
0x47
0x46
0x45 0x44 0x43 0x42 0x41 0x40
0x3F 0x3E
0x3D 0x3C 0x3B 0x3A 0x39
0x88
0x87
0x86 0x85 0x84
0x83
0x82 0x81 0x80
0x7F
0x7E 0x7D 0x7C
0x7B 0x7A
0x79
0x78 0x77
0x76
0x75
0x74
0x73
0x72 0x71 0x70
0x6F
0x6E 0x6D
0x6C 0x6B 0x6A 0x69 0x68
0x67 0x66
0x65
0x64 0x63 0x62 0x61
Figure 8-44. 1-wire output bit mapping
½-wire mode: The output is only lane DA0 and the sample order is programmed into the 40 addresses of
chA (from 0x39 to 0x60). It covers 2 samples (one for chA, one for chB) as shown below. If desired, it can be
duplicated on DB0 as well (using addresses shown Figure 8-45) in order to have a redundant output. Lane DB0
needs to be powered up in that case.
DB0
DA0
(default)
0x60
0x5F
0x54
0x53 0x52
0x51
0x50 0x4F
0x4E
0x4D
14-bit
20-bit
18-bit
16-bit
0x4C 0x4B
0x40
0x3F 0x3E
0x3D 0x3C 0x3B 0x3A 0x39
0x88
0x87
0x7C
0x7B 0x7A
0x79
0x78 0x77
0x76
0x75 0x74
0x73
0x68
0x67 0x66
0x65
0x64 0x63 0x62 0x61
20-bit
18-bit
16-bit
14-bit
...
...
...
...
Figure 8-45. 1/2-wire output bit mapping
ADC3661, ADC3662, ADC3663
SBAS991B – FEBRUARY 2021 – REVISED SEPTEMBER 2022
www.ti.com
46
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3661 ADC3662 ADC3663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com