Electronic Components Datasheet Search
  English  ▼

X  

ADC3663 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC3663
Description  ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3663 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC3663 Datasheet HTML 2Page - Texas Instruments ADC3663 Datasheet HTML 3Page - Texas Instruments ADC3663 Datasheet HTML 4Page - Texas Instruments ADC3663 Datasheet HTML 5Page - Texas Instruments ADC3663 Datasheet HTML 6Page - Texas Instruments ADC3663 Datasheet HTML 7Page - Texas Instruments ADC3663 Datasheet HTML 8Page - Texas Instruments ADC3663 Datasheet HTML 9Page - Texas Instruments ADC3663 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
6.5 Electrical Characteristics - Power Consumption
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to
TMAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, external 1.6 V reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC3661: 10 MSPS
IAVDD
Analog supply current
External reference
30
42
mA
IIOVDD
I/O supply current
SLVDS 1-wire
29
45
PDIS
Power dissipation
External reference, SLVDS 1-wire
106
mW
IIOVDD
I/O supply current
1-wire, 1/2-swing
21
mA
2-wire
36
1/2-wire
26
4x real decimation, 1-wire
30
4x real decimation, 1/2-wire
26
ADC3662: 25 MSPS
IAVDD
Analog supply current
External reference
34
42
mA
IIOVDD
I/O supply current
1-wire
31
45
PDIS
Power dissipation
External reference, 1-wire
117
mW
IIOVDD
I/O supply current
1-wire, 1/2-swing
22
mA
2-wire
36
1/2-wire
26
4x real decimation, 1-wire
30
4x real decimation, 1/2-wire
26
ADC3663: 65 MSPS
IAVDD
Analog supply current
External reference
63
82
mA
IIOVDD
I/O supply current
2-wire
41
57
PDIS
Power dissipation
External reference, 2-wire
187
250
mW
IIOVDD
I/O supply current
2-wire, 1/2-swing
30
mA
4x real decimation, 1-wire
39
4x real decimation, 1/2-wire
36
16x real decimation, 1-wire
37
16x real decimation, 1/2-wire
33
4x complex decimation, 1-wire
44
16x complex decimation, 1-wire
40
16x complex decimation, 1/2-wire
36
MISCELLANOUS
IAVDD
Internal reference, additional analog
supply current
1
mA
External 1.2 V reference (REFBUF),
additional analog supply current
0.3
Single ended clock input, reduces
analog supply current by
Enabled via SPI
0.7
PDIS
Power consumption in global power
down mode
Default mask settings, internal
reference
5
mW
Default mask settings, external
reference
9
ADC3661, ADC3662, ADC3663
SBAS991B – FEBRUARY 2021 – REVISED SEPTEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3661 ADC3662 ADC3663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com