Electronic Components Datasheet Search
  English  ▼

X  

ADC3663 Datasheet(PDF) 62 Page - Texas Instruments

Part # ADC3663
Description  ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3663 Datasheet(HTML) 62 Page - Texas Instruments

Back Button ADC3663 Datasheet HTML 58Page - Texas Instruments ADC3663 Datasheet HTML 59Page - Texas Instruments ADC3663 Datasheet HTML 60Page - Texas Instruments ADC3663 Datasheet HTML 61Page - Texas Instruments ADC3663 Datasheet HTML 62Page - Texas Instruments ADC3663 Datasheet HTML 63Page - Texas Instruments ADC3663 Datasheet HTML 64Page - Texas Instruments ADC3663 Datasheet HTML 65Page - Texas Instruments ADC3663 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
Figure 8-65. Register 0x1B
7
6
5
4
3
2
1
0
MAPPER EN
20B EN
BIT MAPPER RES
0
0
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-26. Register 0x1B Field Descriptions
Bit
Field
Type
Reset
Description
7
MAPPER EN
R/W
0
This bit enables changing the resolution of the output (including
output serialization factor) in bypass mode only. This bit does
not need to be set for 20-bit resolution output.
0: Output bit mapper disabled.
1: Output bit mapper enabled.
6
20B EN
R/W
0
This bit enables 20-bit output resolution which can be useful for
very high decimation settings so that quantization noise doesn't
impact the ADC performance.
0: 20-bit output resolution disabled.
1: 20-bit output resolution enabled.
5-3
BIT MAPPER RES
R/W
000
Sets the output resolution using the bit mapper. MAPPER EN bit
(D6) needs to be enabled when operating in bypass mode..
000: 18 bit
001: 16 bit
010: 14 bit
all others, n/a
2-0
0
R/W
0
Must write 0
Table 8-27. Register Settings for Output Bit Mapper vs Operating Mode
BYPASS/DECIMATION
OUTPUT RESOLUTION
MAPPER EN (D7)
BIT MAPPER RES (D5-D3)
Decimation Bypass
Resolution Change
1
000: 18-bit
001: 16-bit
010: 14-bit
Real Decimation
Resolution Change (default 18-bit)
0
Complex Decimation
0
Figure 8-66. Register 0x1E
7
6
5
4
3
2
1
0
0
0
0
0
LVDS DATA DEL
LVDS DCLK DEL
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-28. Register 0x1E Field Descriptions
Bit
Field
Type
Reset
Description
7-4
0
R/W
0
Must write 0
3-2
LVDS DATA DEL
R/W
00
These bits adjust the output timing of the SLVDS output data.
00: no delay
01: Data advanced by 50 ps
10: Data delayed by 50 ps
11: Data delayed by 100 ps
1-0
LVDS DCLK DEL
R/W
00
These bits adjust the output timing of the SLVDS DCLK output.
00: no delay
01: DCLK advanced by 50 ps
10: DCLK delayed by 50 ps
11: DCLK delayed by 100 ps
ADC3661, ADC3662, ADC3663
SBAS991B – FEBRUARY 2021 – REVISED SEPTEMBER 2022
www.ti.com
62
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3661 ADC3662 ADC3663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com