Electronic Components Datasheet Search
  English  ▼

X  

ADC3663 Datasheet(PDF) 71 Page - Texas Instruments

Part # ADC3663
Description  ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3663 Datasheet(HTML) 71 Page - Texas Instruments

Back Button ADC3663 Datasheet HTML 67Page - Texas Instruments ADC3663 Datasheet HTML 68Page - Texas Instruments ADC3663 Datasheet HTML 69Page - Texas Instruments ADC3663 Datasheet HTML 70Page - Texas Instruments ADC3663 Datasheet HTML 71Page - Texas Instruments ADC3663 Datasheet HTML 72Page - Texas Instruments ADC3663 Datasheet HTML 73Page - Texas Instruments ADC3663 Datasheet HTML 74Page - Texas Instruments ADC3663 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
Table 9-1. Design key care-abouts (continued)
FEATURE
DESCRIPTION
Clock Source
External clock with low jitter
When designing the amplifier/filter driving circuit, the ADC input full-scale voltage needs to be taken into
consideration. For example, the ADC366x input full-scale is 3.2Vpp. When factoring in ~ 1 dB for insertion loss
of the filter, then the amplifier needs to deliver close to 3.6Vpp. The amplifier distortion performance will degrade
with a larger output swing and considering the ADC common mode input voltage the amplifier may not be able
to deliver the full swing. The ADC366x provides an output common mode voltage of 0.95V and the THS4541
for example can only swing within 250 mV of its negative supply. A unipolar 3.3 V amplifier power supply will
thus limit the maximum voltage swing to ~ 2.8Vpp. Hence if a larger output swing is required (factoring in filter
insertion loss) then a negative supply for the amplifier is needed in order to eliminate that limitation. Additionally
input voltage protection diodes may be needed to protect the ADC from over-voltage events.
Table 9-2. Output voltage swing of THS4541 vs power supply
DEVICE
MIN OUTPUT VOLTAGE
MAX SWING WITH 3.3 V/ 0 V SUPPLY
MAX SWING WITH 3.3 V/ -1.0 V SUPPLY
THS4541
VS- + 250 mV
2.8 Vpp
6.8 Vpp
9.1.2 Detailed Design Procedure
9.1.2.1 Input Signal Path
Depending on desired input signal frequency range the THS4551 and THS4541 provide very good low power
options to drive the ADC inputs. Table 9-3 provides a comparison between the THS4551 and THS4541 and the
power consumption vs usable frequency trade off.
Table 9-3. Fully Differential Amplifier Options
DEVICE
CURRENT (IQ) PER CHANNEL
USABLE FREQUENCY RANGE
THS4561
0.8 mA
< 3 MHz
THS4551
1.4 mA
< 10 MHz
THS4541
10 mA
< 70 MHz
The low pass filter design (topology, filter order) is driven by the application itself. However, when designing the
low pass filter, the optimum load impedance for the amplifier should be taken into consideration as well. Between
the low pass filter and the ADC input the sampling glitch filter needs to added as well as shown in Section
8.3.1.2.1. In this example the DC - 30 MHz glitch filter is selected.
9.1.2.2 Sampling Clock
Applications operating with low input frequencies (such as DC to 20 MHz) typically are less sensitive to
performance degradation due to clock jitter. The internal ADC aperture jitter improves with faster rise and fall
times (i.e. square wave vs sine wave). Table 9-4 provides an overview of the estimated SNR performance of
the ADC366x based on different amounts of jitter of the external clock source. The SNR is estimated based on
ADC366x thermal noise of 82 dBFS and input signal at -1dBFS.
Table 9-4. ADC SNR performance across vs input frequency for different amounts of external clock jitter
INPUT FREQUENCY
TJ,EXT = 100 fs
TJ,EXT = 250 fs
TJ,EXT = 500 fs
TJ,EXT = 1 ps
5 MHz
82.0
81.9
81.8
81.5
10 MHz
81.9
81.8
81.4
80.2
20 MHz
81.6
81.2
80.1
77.2
Termination of the clock input should be considered for long clock traces.
9.1.2.3 Voltage Reference
The ADC366x is configured to internal reference operation by applying 0.6 V to the REFBUF pin.
www.ti.com
ADC3661, ADC3662, ADC3663
SBAS991B – FEBRUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: ADC3661 ADC3662 ADC3663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com