Electronic Components Datasheet Search
  English  ▼

X  

ADS54J20 Datasheet(PDF) 96 Page - Texas Instruments

Part # ADS54J20
Description  ADS54J40 Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J20 Datasheet(HTML) 96 Page - Texas Instruments

Back Button ADS54J20 Datasheet HTML 92Page - Texas Instruments ADS54J20 Datasheet HTML 93Page - Texas Instruments ADS54J20 Datasheet HTML 94Page - Texas Instruments ADS54J20 Datasheet HTML 95Page - Texas Instruments ADS54J20 Datasheet HTML 96Page - Texas Instruments ADS54J20 Datasheet HTML 97Page - Texas Instruments ADS54J20 Datasheet HTML 98Page - Texas Instruments ADS54J20 Datasheet HTML 99Page - Texas Instruments ADS54J20 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 117 page
background image
total time of 100 ms for proper IL estimation. See item 5f for further details.
Time
ON
OFF
100 ms
Signal ON time >
10ms
Estimation Valid
Signal OFF time
0 ms
Time
ON
OFF
0 ms
100 ms
Signal ON time <
10ms
No Estimation
Signal OFF time
Time
0 ms
100 ms
Integrated Signal ON time > 10ms, with individual ON times > 100us
Estimation Valid
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
Time
0 ms
100 ms
Integrated Signal ON time > 10ms, BUT individual ON times < 100us
No Estimation
O
N
OF
F
O
N
OF
F
O
N
OF
F
O
N
OF
F
O
N
OF
F
O
N
OF
F
O
N
OF
F
O
N
OF
F
O
N
OF
F
O
N
OF
F
O
N
OF
F
O
N
OF
F
O
N
OF
F
O
N
OF
F
c. Consistent Signal saturation: Whenever signal is saturated, signal gets distorted and IL estimation is no
longer possible. IL estimation is possible if signal amplitude is < -0.5 dBFs for more than 100 µs in one
ADS54J40
SBAS714C – MAY 2015 – REVISED DECEMBER 2020
www.ti.com
96
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADS54J40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com