Electronic Components Datasheet Search
  English  ▼

X  

MA710 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MA710
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MA710 Datasheet HTML 13Page - Monolithic Power Systems MA710 Datasheet HTML 14Page - Monolithic Power Systems MA710 Datasheet HTML 15Page - Monolithic Power Systems MA710 Datasheet HTML 16Page - Monolithic Power Systems MA710 Datasheet HTML 17Page - Monolithic Power Systems MA710 Datasheet HTML 18Page - Monolithic Power Systems MA710 Datasheet HTML 19Page - Monolithic Power Systems MA710 Datasheet HTML 20Page - Monolithic Power Systems MA710 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
MA710 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA710 Rev. 1.0
www.MonolithicPower.com
17
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The first data MSB is transmitted on the second
clock count. If the data length is less than 16,
the 16-bit output word is completed by zeros.
Therefore, the reading can also be performed
with fewer than 16 clock counts. For example,
for a part with a 12-bit data length, it is only
necessary to send the first dummy clock to start
the transmission + 12 clocks to read the angle
data.
When a trigger event is detected, the data
remains in the output buffer until the clock
falling edge for the LSB bit 0 and the transfer
timeout time has passed (see Table 6).
Table 6: Sensor Data Timing
Trigger Event
Release of the Output Buffer
First SSCK pulse rising
edge
SSCK falling edge + time out tm (Fig 15)
Figure 16: Diagram of a Full 16-Bit SSI Angle Reading (with First Dummy Clock)
For consecutive angle readings, see the timing in Figure 17.
Figure 17: Diagram of Two Consecutive 16-Bit SSI Angle Reading with the Required Dead Time between
the Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com