Electronic Components Datasheet Search
  English  ▼

X  

MA710 Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MA710
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710 Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MA710 Datasheet HTML 19Page - Monolithic Power Systems MA710 Datasheet HTML 20Page - Monolithic Power Systems MA710 Datasheet HTML 21Page - Monolithic Power Systems MA710 Datasheet HTML 22Page - Monolithic Power Systems MA710 Datasheet HTML 23Page - Monolithic Power Systems MA710 Datasheet HTML 24Page - Monolithic Power Systems MA710 Datasheet HTML 25Page - Monolithic Power Systems MA710 Datasheet HTML 26Page - Monolithic Power Systems MA710 Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
MA710 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA710 Rev. 1.0
www.MonolithicPower.com
23
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABZ Jitter
The ABZ state is updated at a frequency of
16MHz, enabling accurate operation up to a
very high rpm (above 10
5 rpm).
The jitter characterizes how far a particular ABZ
edge can occur at an angular position different
from the ideal position (see Figure 28).
Figure 28: ABZ Jitter
The measurable jitter is composed by a
systematic jitter (i.e.: always the same deviation
at a given angle) and a random jitter.
The random jitter reflects the sensor noise.
Therefore, the edge distribution is the same as
the SPI output noise. Like the sensor resolution,
it
is defined as the 3σ width of this distribution.
In fact, the random jitter is a function of the
rotation speed. At a lower speed, the random
jitter is smaller than the sensor noise.
This is a consequence of the fact that the
probability of measuring an edge at a certain
distance from the ideal position depends on the
number of ABZ updates at this position.
The minimum field for ABZ reading is 30mT.
PWM Absolute Output
This output provides a logic signal with a duty
cycle proportional to the angle of the magnetic
field. The PWM frequency is indicated in the
General Characteristics table. The duty cycle is
bounded by a minimum value (1/130 of the
period) and a maximum value (129/130 of the
period) (see Figure 29), so the duty cycle varies
from 1/130 to 129/130 with a resolution of 12
bits. The angle can be retrieved by measuring
the on time. Since the absolute PWM frequency
can vary from chip to chip or with the
temperature, accurate angle detection requires
the measurement of the duty cycle (i.e.: the
measurement of both the on time (ton) and the
off time (toff)).
The angle can be calculated with Equation (8):


1
130
128
1
360
deg)
(
OFF
ON
ON
t
t
t
in
angle
(8)
Figure 29, shows one period of the PWM signal.
The period T is 1/Fpwm, where Fpwm is the
PWM
frequency
indicated
in
the
general
characteristic table.
Top Signal: 0°
Bottom Signal: Full Scale (i.e.: 360°(1-1/4096))
Figure 29: PWM Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com