Electronic Components Datasheet Search
  English  ▼

X  

MA710 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MA710
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MA710 Datasheet HTML 18Page - Monolithic Power Systems MA710 Datasheet HTML 19Page - Monolithic Power Systems MA710 Datasheet HTML 20Page - Monolithic Power Systems MA710 Datasheet HTML 21Page - Monolithic Power Systems MA710 Datasheet HTML 22Page - Monolithic Power Systems MA710 Datasheet HTML 23Page - Monolithic Power Systems MA710 Datasheet HTML 24Page - Monolithic Power Systems MA710 Datasheet HTML 25Page - Monolithic Power Systems MA710 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
MA710 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA710 Rev. 1.0
www.MonolithicPower.com
22
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
To read the MGL and MGH flags by SPI send
the 8-bit command write into register 27:
command
reg. address
MSB
value
LSB
0
1
0
1 1 0 1 1
0 0 0 0 0 0 0 0
The MA710 answers with the register 27
content in the next transmission:
R[7:0]
MGH MGL
x
x
x
x
x
x
ABZ Incremental Encoder Output
The MA710 ABZ output emulates a 10-bit
incremental
encoder
(such
as
an
optical
encoder) providing logic pulses in quadrature
(see Figure 25). Compared to signal A, signal B
is shifted by a quarter of the pulse period. Over
one revolution, signal A pulses N times, where
N is programmable from 1 to 256 pulses per
revolution. The number of pulses per channel
per revolution is programmed by setting the
parameter PPT, which consists of 8 bits split
between registers 0x4 and 0x5 (see Table 7).
The factory default value is 256. Table 17
describes how to program PPT(7:0) to set the
required resolution.
Table 17: PPT
PPT(7:0)
Pulses per
Turn
Edges per
Turn
00000000
1
4
MIN
00000001
2
8
00000010
3
12
00000011
4
16
…
…
…
…
11111100
253
1012
11111101
254
1016
11111110
255
1020
11111111
256
1024
MAX
For example, to set 120 pulses per revolution
(i.e. 480 edges), set PPT to 120 - 1 = 119. In
binary: 01110111. Thus the registers 4 and 5
must be set as shown in Table 18.
Table 18: Example PPT Setting for 120 Pulses
B7
B6
B5
B4
B3
B2
B1
B0
R4
1
1
0
0
0
0
0
0
R5
0
0
0
1
1
1
0
1
Figure 25: Timing of the ABZ Output
Signal Z (zero or index) raises only once per
turn at the zero-angle position.
The position and length of the Z pulse is
programmable via bits ILIP(3:0) in register 0x5
(see Figure 26).
Figure 26: ILIP Parameter Effect on Index Shape
By default, the ILIP parameter is 0000. The
index rising edge is aligned with the channel B
falling edge. The index length is half the A or B
pulse length.
ABZ Hysteresis
A hysteresis larger than the output noise is
introduced on the ABZ output to avoid any
spurious transitions (see Figure 27).
Figure 27: Hysteresis of the Incremental Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com