Electronic Components Datasheet Search
  English  ▼

X  

MA710 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MA710
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MA710 Datasheet HTML 11Page - Monolithic Power Systems MA710 Datasheet HTML 12Page - Monolithic Power Systems MA710 Datasheet HTML 13Page - Monolithic Power Systems MA710 Datasheet HTML 14Page - Monolithic Power Systems MA710 Datasheet HTML 15Page - Monolithic Power Systems MA710 Datasheet HTML 16Page - Monolithic Power Systems MA710 Datasheet HTML 17Page - Monolithic Power Systems MA710 Datasheet HTML 18Page - Monolithic Power Systems MA710 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
MA710 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA710 Rev. 1.0
www.MonolithicPower.com
15
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
SPI Write Register
Table 7 shows the programmable 8-bit registers.
Data written to these registers are stored in the
on-chip non-volatile memory and reloaded at
power-on automatically. The factory default
register values are shown in Table 68.
A write register operation is constituted of two
16-bit frames. The first frame sends a write
request,
which
contains
the
3-bit
write
command (100) followed by the 5-bit register
address and the 8-bit value (MSB first). The
second frame returns the newly written register
value (acknowledge).
The on-chip memory is guaranteed to endure
1,000 write cycles at 25°C.
It is critical to wait 20ms between the first and
the second frame. This is the time taken to write
the non-volatile memory. Failure to implement
this wait period results in the register
’s previous
value being read. Note that this delay is only
required after a write request. A read register
request and read angle do not require this wait
time.
The first 16-bit SPI frame (write request) is:
MSB
LSB
MISO
Angle(15:0)
command
reg. address
reg. value
MOSI
1
0
0
A4 A3 A2 A1 A0 V7 V6 V5 V4 V3 V2 V1 V0
The second 16-bit SPI frame (response) is:
reg. value
MISO V7 V6 V5 V4 V3 V2 V1 V0
0 0 0 0 0 0 0 0
MSB
LSB
MOSI
0
The read back register content can be used to
verify the register programming. See Figure 13
for a complete transmission overview.
For example, to set the value of the output
rotation direction (RD) to counterclockwise
(high). Write register 9 by sending the following
first frame:
MSB
LSB
MISO
Angle(15:0)
command
reg. address
reg. value
MOSI
1
0
0
0
1
0
0
1
1 0 0 0 0 0 0 0
Send the second frame after a 20ms wait time.
If the register is written correctly, the reply is:
reg. value
MISO 1 0 0 0 0 0 0 0
0 0 0 0 0 0 0 0
MSB
LSB
MOSI
0
See Figure 14 for a complete example.
Figure 13: Overview of Two 16-Bit Frames Write Register Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com