Electronic Components Datasheet Search
  English  ▼

X  

MA710 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MA710
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MA710 Datasheet HTML 16Page - Monolithic Power Systems MA710 Datasheet HTML 17Page - Monolithic Power Systems MA710 Datasheet HTML 18Page - Monolithic Power Systems MA710 Datasheet HTML 19Page - Monolithic Power Systems MA710 Datasheet HTML 20Page - Monolithic Power Systems MA710 Datasheet HTML 21Page - Monolithic Power Systems MA710 Datasheet HTML 22Page - Monolithic Power Systems MA710 Datasheet HTML 23Page - Monolithic Power Systems MA710 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
MA710 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA710 Rev. 1.0
www.MonolithicPower.com
20
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The X-axis or the Y-axis bias current can be
reduced by programming in order to recover an
equal Hall signal for all angles and therefore
suppress the error. The parameter ETX and
ETY controls the direction in which sensitivity is
reduced. The current reduction is set by the
parameter bias current trimming BCT(7:0),
which is an integer from 0 to 255.
In side-shaft configuration (i.e.: the sensor
center is located beyond the magnet outer
diameter), k is greater than 1. For optimum
compensation, the sensitivity of the radial axis
should
be
reduced
by
setting
the
BCT
parameter as shown in Equation (6):
 
k
BCT
1
1
258
)
0
:
7
(
(6)
The graph in Figure 20 shows the optimum
BCT value for a particular k ratio.
0
50
100
150
200
1
1.5
2
2.5
3
3.5
4
4.5
5
k
Figure 17: Relation between the k Ratio and the
Optimum BCT to Recover Linearity
Table 13 shows some typical BCT values.
Table 13: Example of BCT Settings
E (deg)
Magnet Ratio k
BCT(7:0)
0
1.0
0
11.5
1.5
86
19.5
2.0
129
25.4
2.5
155
30.0
3.0
172
33.7
3.5
184
36.9
4.0
194
39.5
4.5
201
41.8
5.0
207
Determining k with the MagAlpha
It is possible to deduce the k ratio from the error
curve obtained with the default BCT setting
(BCT = 0). For this purpose, rotate the magnet
over one revolution and record the MagAlpha
output. Then plot the error curve (the MagAlpha
output minus the real mechanical position vs
the real mechanical position) and extract two
parameters: the maximum error E and the
position of this maximum with respect to a zero
crossing am (see Figure 21). k can be calculated
with Equation (7):
)
tan(
)
tan(
m
m
a
a
E
k
(7)
Figure 21: Error Curve in Side-Shaft
Configuration with BCT = 0
Some
examples
are
given
in
Table
13.
Alternatively, the k parameter can be obtained
from the graph of Figure 22.
-40
-20
0
20
40
0
50
100
150
200
250
300
350
m
rotor angle (deg)
2E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com