Electronic Components Datasheet Search
  English  ▼

X  

MA710 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MA710
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MA710 Datasheet HTML 15Page - Monolithic Power Systems MA710 Datasheet HTML 16Page - Monolithic Power Systems MA710 Datasheet HTML 17Page - Monolithic Power Systems MA710 Datasheet HTML 18Page - Monolithic Power Systems MA710 Datasheet HTML 19Page - Monolithic Power Systems MA710 Datasheet HTML 20Page - Monolithic Power Systems MA710 Datasheet HTML 21Page - Monolithic Power Systems MA710 Datasheet HTML 22Page - Monolithic Power Systems MA710 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
MA710 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA710 Rev. 1.0
www.MonolithicPower.com
19
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
REGISTER SETTINGS
Zero Setting
The zero position of the MagAlpha (a0) can be
programmed with 16 bits of resolution. The
angle streamed out by the MagAlpha (aout) is
given by Equation (2):
0
a
a
a
raw
out
(2)
Where araw is the raw angle provided by the
MagAlpha front end.
The parameter Z(15:0), which is zero by default,
is the complementary angle of the zero setting.
In decimals, it can be written as shown in
Equation (3):
)
0
:
15
(
2
16
0
Z
a
(3)
Table 10 shows the zero setting parameter.
Table 10: Zero Setting Parameter
Z(15:0)
Zero pos.
a0 (16 bit dec)
Zero pos.
a0 (deg)
0
65536
360.000
1
65535
359.995
2
65534
359.989
…
…
…
65534
2
0.011
65535
1
0.005
Example
To set the zero position to 20 degrees, the
Z(15:0)
parameter
shall
be
equal
to the
complementary angle and can be calculated
with Equation (4):
61895
2
deg
360
deg
20
2
)
0
:
15
(
16
16
Z
(4)
In binary, it is written as 1111 0001 1100 0111.
Table 11 shows the content of the registers 0
and 1.
Table 11: Register 0 and 1 Content
Reg Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
0
1
1
0
0
0
1
1
1
1
1
1
1
1
0
0
0
1
Rotation Direction
By default, when looking at the top of the
package,
the
angle
increases
when
the
magnetic field rotates clockwise (CW) (see
Figure 18 and Table 12).
Figure 15: Positive Rotation Direction of the
Magnetic Field
Table 12: Rotation Direction Parameter
RD
Positive Direction
0
Clockwise (CW)
1
Counterclockwise (CCW)
BCT Settings (Bias Current Trimming)
Side Shaft
When the MA710 is mounted on the side of the
magnet, the relation between the field angle
and the mechanical angle is no longer directly
linear. This effect is related to the fact that the
tangential magnetic field is usually smaller than
the radial field. Define the field ratio k with
Equation (5):
tan
/ B
B
k
rad
(5)
Where Brad and Btan are the maximum radial and
tangential magnetic fields (see Figure 19).
Figure 16: Side-Shaft Field
The ratio k depends on the magnet geometry
and the distance to the sensor. Having a k ratio
different than one results in the sensor output
response not being linear with respect to the
mechanical angle. Note that the error curve has
the shape of a double sinewave (see Figure 21).
E is the amplitude of this error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com