Electronic Components Datasheet Search
  English  ▼

X  

MA710 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MA710
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MA710 Datasheet HTML 6Page - Monolithic Power Systems MA710 Datasheet HTML 7Page - Monolithic Power Systems MA710 Datasheet HTML 8Page - Monolithic Power Systems MA710 Datasheet HTML 9Page - Monolithic Power Systems MA710 Datasheet HTML 10Page - Monolithic Power Systems MA710 Datasheet HTML 11Page - Monolithic Power Systems MA710 Datasheet HTML 12Page - Monolithic Power Systems MA710 Datasheet HTML 13Page - Monolithic Power Systems MA710 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
MA710 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MA710 Rev. 1.0
www.MonolithicPower.com
10
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
Sensor Front-End
The magnetic field is detected with integrated
Hall devices located in the center of the
package. The angle is measured using the
SpinaxisTM method, which digitizes the direction
of the field directly without complex arctangent
computation or feedback loop-based circuits
(interpolators).
The SpinaxisTM method is based on phase
detection and generates a sinusoidal signal with
a phase that represents the angle of the
magnetic field. The angle is then obtained by a
time-to-digital converter, which measures the
time
between
the
zero
crossing
of
the
sinusoidal signal and the edge of a constant
waveform (see Figure 2). The time-to-digital is
output
from
the
front-end
to
the
digital
conditioning block.
Top: Sine Waveform
Bottom: Clock of Time-to-Digital Converter
Figure 2: Phase Detection Method
The output of the front-end delivers a digital
number
proportional
to
the
angle
of
the
magnetic field at the rate of 1MHz in a
straightforward and open-loop manner.
Digital Filtering
The front-end signal is further treated to
achieve the final effective resolution. This
treatment does not add any latency in steady
conditions. The filter transfer function can be
calculated with Equation (1):
2
)
1
(
2
1
)
(
s
s
s
H
(1)
Where
τ is the filter time constant related to the
cutoff frequency by:
τ = 0.38/Fcutoff. See the
General Characteristics table on page 5 for the
value of Fcutoff.
Sensor – Magnet Mounting
The sensitive volume of the MA710 is confined
in a region less than 100µm wide and has
multiple integrated Hall devices. This volume is
located both horizontally and vertically within
50µm of the center of the QFN package. The
sensor detects the angle of the magnetic field
projected in a plane parallel to the package’s
upper surface. This means that the only
relevant
magnetic
field
is
the
in-plane
component (X and Y components) in the middle
point of the package.
By default, when looking at the top of the
package,
the
angle
increases
when
the
magnetic field rotates clockwise. Figure 3
shows the zero angle of the unprogrammed
sensor, where the cross indicates the sensitive
point. Both the rotation direction and the zero
angle can be programmed.
Figure 3: Detection Point and Default Positive
Direction
This type of detection provides flexibility for the
design of an angular encoder. The sensor only
requires the magnetic vector to lie essentially
within the sensor plane with a field amplitude of
at
least
15mT.
The
most
straightforward
mounting method is to place the MA710 sensor
on the rotation axis of a permanent magnet (i.e.:
a diametrically magnetized cylinder) (see Figure
4).
A
typical
magnet
is
a
cylinder
with
dimensions Ø5x3mm inserted into an aluminum
shaft with an air gap between the magnet and
the sensor (surface of package) of 1.5mm. A
broad variety of magnet material can be
selected, from hard ferrite to NdFeB. (producing
a field at the sensor position of about 20mT and
80mT, respectively, with typical material grade).
For good linearity, the sensor is positioned with
a precision of 0.5mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com