Electronic Components Datasheet Search
  English  ▼

X  

MA710 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MA710
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MA710 Datasheet HTML 14Page - Monolithic Power Systems MA710 Datasheet HTML 15Page - Monolithic Power Systems MA710 Datasheet HTML 16Page - Monolithic Power Systems MA710 Datasheet HTML 17Page - Monolithic Power Systems MA710 Datasheet HTML 18Page - Monolithic Power Systems MA710 Datasheet HTML 19Page - Monolithic Power Systems MA710 Datasheet HTML 20Page - Monolithic Power Systems MA710 Datasheet HTML 21Page - Monolithic Power Systems MA710 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
MA710 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA710 Rev. 1.0
www.MonolithicPower.com
18
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
REGISTER MAP
Table 5: Register Map
No
Hex
Bin
Bit 7
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSB
0
0x0
00000
Z(7:0)
1
0x1
00001
Z(15:8)
2
0x2
00010
BCT(7:0)
3
0x3
00011
-
-
-
-
-
-
ETY
ETX
4
0x4
00100
PPT(1:0)
ILIP(3:0)
-
-
5
0x5
00101
-
-
PPT(7:2)
6
0x6
00110
MGLT(2:0)
MGHT(2:0)
-
-
9
0x9
01001
RD
-
-
-
-
-
-
-
27
0x1B
11011
MGH
MGL
-
-
-
-
-
-
Table 6: Factory Default Values
No
Hex
Bin
Bit 7
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSB
0
0x0
00000
0
0
0
0
0
0
0
0
1
0x1
00001
0
0
0
0
0
0
0
0
2
0x2
00010
0
0
0
0
0
0
0
0
3
0x3
00011
0
0
0
0
0
0
0
0
4
0x4
00100
1
1
0
0
0
0
0
0
5
0x5
00101
0
0
1
1
1
1
1
1
6
0x6
00110
0
0
0
1
1
1
0
0
9
0x9
01001
0
0
0
0
0
0
0
0
Table 7: Programming Parameters
Parameters
Symbol
Number of
Bits
Description
See Table
Zero Setting
Z
16
Set the zero position
10
Bias Current
Trimming
BCT
8
For side-shaft configuration: reduce the
bias current of the X or Y Hall device
13
Enable Trimming X
ETX
1
Biased current trimmed in the X direction
Hall device
14
Enable Trimming Y
ETY
1
Biased current trimmed in the Y direction
Hall device
14
Pulses Per Turn
PPT
8
Number of pulses per turn of the ABZ
output
17
Index Length /
Index Position
ILIP
4
Parametrization of the ABZ index pulse
Fig 26
Magnetic Field
High Threshold
MGHT
3
Sets the field strength high threshold
16
Magnetic Field Low
Threshold
MGLT
3
Sets the field strength low threshold
16
Rotation Direction
RD
1
Determines the sensor positive direction
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com