Electronic Components Datasheet Search
  English  ▼

X  

DAC53608 Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC53608
Description  DACx3608 Octal, 10-Bit or 8-Bit, I2CTM Interface, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53608 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC53608 Datasheet HTML 12Page - Texas Instruments DAC53608 Datasheet HTML 13Page - Texas Instruments DAC53608 Datasheet HTML 14Page - Texas Instruments DAC53608 Datasheet HTML 15Page - Texas Instruments DAC53608 Datasheet HTML 16Page - Texas Instruments DAC53608 Datasheet HTML 17Page - Texas Instruments DAC53608 Datasheet HTML 18Page - Texas Instruments DAC53608 Datasheet HTML 19Page - Texas Instruments DAC53608 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Frequency (Hz)
10
2030 50 100 200
500 1000
10000
100000
0
200
400
600
800
1000
D051
Code 0x20
Code 0x800
Code 0xFDC
Frequency (Hz)
10
100
1000
10000
100000
1000000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D050
D052
Time (1 ms/div)
-20
-15
-10
-5
0
5
10
15
20
D048
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
Time (1 Ps/div)
D049
VOUT (2 mV/div)
SCL (2.5 V/div)
16
DAC53608, DAC43608
SLASEQ4A – OCTOBER 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: DAC53608 DAC43608
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics: 5.5 V (continued)
at TA = 25°C, VDD = 5.5 V, reference = 5.5 V, and DAC outputs unloaded (unless otherwise noted)
DAC output loaded with 5 k
Ω//200 pF
Figure 36. Power-off Glitch
DAC code at mid-scale and reference tied to VDD and output
loaded with 5 k
Ω//200 pF
Figure 37. Clock Feedthrough with SCL = 1 MHz
DAC code at full-scale and output loaded with 5 k
Ω//200 pF, VDD =
5.25 V + 0.2 VPP and VREFIN = 4.5 V
Figure 38. DAC Output AC PSRR vs Frequency
DAC code at mid-scale
Figure 39. DAC Output Noise 0.1 Hz to 10 Hz
Figure 40. DAC Output Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com