Electronic Components Datasheet Search
  English  ▼

X  

DAC53608 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC53608
Description  DACx3608 Octal, 10-Bit or 8-Bit, I2CTM Interface, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53608 Datasheet(HTML) 1 Page - Texas Instruments

  DAC53608 Datasheet HTML 1Page - Texas Instruments DAC53608 Datasheet HTML 2Page - Texas Instruments DAC53608 Datasheet HTML 3Page - Texas Instruments DAC53608 Datasheet HTML 4Page - Texas Instruments DAC53608 Datasheet HTML 5Page - Texas Instruments DAC53608 Datasheet HTML 6Page - Texas Instruments DAC53608 Datasheet HTML 7Page - Texas Instruments DAC53608 Datasheet HTML 8Page - Texas Instruments DAC53608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
VOUTA
DAC
Active
Registers
DAC
Buffer
Registers
BUF
Channel A
Power Down Logic
Resistive Network
Power On Reset
DACx3608
SCL
SDA
A0
DAC
VDD
VREFIN
AGND
LDAC
Channel H
VOUTH
CLR
THLD-HI
+
+
THLD-LO
DACx3608
VOUT
VIO
RPULL-UP
R1
R2
VIN
RB
RA
VDAC
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC53608, DAC43608
SLASEQ4A – OCTOBER 2018 – REVISED DECEMBER 2018
DACx3608 Octal, 10-Bit or 8-Bit, I2CTM Interface, Buffered Voltage Output DACs
in Tiny 3 × 3 WQFN Package
1
1 Features
1
•
±1-LSB INL and DNL
•
Wide Operating Range
–
Power Supply: 1.8 V to 5.5 V
–
Temperature Range: –40
˚C to 125˚C
•
I2CTM Serial Interface
–
Standard, Fast, and Fast+ Mode
–
2.4-V, VIH with VDD = 5.5 V
•
LDAC Pin For Simultaneous Output Update
•
Very Low Power: 0.1 mA/Channel at 1.8 V
•
Low Power Startup Mode: Outputs powered down
to 10K State
•
Tiny Package
–
16-Pin WQFN (3 mm × 3 mm)
2 Applications
•
Programmable Power Supplies
•
Programmable Window Comparator
•
VCOM Biasing in Display Panel
•
Laser Driver In Multifunction Printers
•
Auto Focus Digital Still Cameras Lens
•
ATM Machines, Currency Counters, Barcode
Readers
•
IP Network Cameras, Projectors
3 Description
The DAC53608 and DAC43608 (DACx3608) are low-
power, eight-channel, voltage-output, 10-bit or 8-bit
digital-to-analog converters (DACs) respectively. The
DACx3608 are specified monotonic by design across
a wide power supply range from 1.8 V to 5.5 V. Using
an external reference, the DACx3608 provides a full
scale output voltage range of 1.8 V to 5.5 V while
consuming 0.1-mA quiescent current per channel.
The DACx3608 also includes per channel, user
programmable,
power
down
registers.
These
registers facilitate the DAC output buffers to start in a
power down to 10K state and remain in this state until
a power up command is issued to these output
buffers.
Low quiescent current, wide power supply range, and
per channel power down option makes DACx3608
ideal for low power, battery operated systems.
The
devices
communicate
through
the
I2CTM
interface. These devices support I2CTM standard
mode (100 kbps), fast mode (400 kbps), and fast+
mode (1 Mbps). These devices also have a load DAC
(LDAC) pin that allows simultaneous DAC updates.
The DACx3608 are available in small 3-mm × 3-mm,
16-pin
WQFN
package.
The
devices
are
fully
specified over the extended industrial temperature
range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC53608
WQFN (16)
3.00 mm × 3.00 mm
DAC43608
WQFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, refer to the orderable addendum
at the end of the data sheet.
Simplified Block Diagram
Programmable Window Comparator


Similar Part No. - DAC53608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC53608 TI1-DAC53608 Datasheet
430Kb / 32P
Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
DAC53608RTER TI1-DAC53608RTER Datasheet
430Kb / 32P
Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
DAC53608RTET TI1-DAC53608RTET Datasheet
430Kb / 32P
Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
More results

Similar Description - DAC53608

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5628L WOLFSON-WM5628L Datasheet
370Kb / 15P
3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
logo
Maxim Integrated Produc...
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
logo
Texas Instruments
DAC53608 TI1-DAC53608 Datasheet
430Kb / 32P
Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
6/2016-Rev. B to Rev. C
logo
Texas Instruments
DAC53508 TI-DAC53508 Datasheet
3Mb / 38P
DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com