Electronic Components Datasheet Search
  English  ▼

X  

DAC53608 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC53608
Description  DACx3608 Octal, 10-Bit or 8-Bit, I2CTM Interface, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53608 Datasheet(HTML) 3 Page - Texas Instruments

  DAC53608 Datasheet HTML 1Page - Texas Instruments DAC53608 Datasheet HTML 2Page - Texas Instruments DAC53608 Datasheet HTML 3Page - Texas Instruments DAC53608 Datasheet HTML 4Page - Texas Instruments DAC53608 Datasheet HTML 5Page - Texas Instruments DAC53608 Datasheet HTML 6Page - Texas Instruments DAC53608 Datasheet HTML 7Page - Texas Instruments DAC53608 Datasheet HTML 8Page - Texas Instruments DAC53608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
1
VOUTA
12
VOUTH
2
VOUTB
11
VOUTG
3
VOUTC
10
VOUTF
4
VOUTD
9
VOUTE
Not to scale
3
DAC53608, DAC43608
www.ti.com
SLASEQ4A – OCTOBER 2018 – REVISED DECEMBER 2018
Product Folder Links: DAC53608 DAC43608
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
RESOLUTION
DAC53608
10-Bit
DAC43608
8-Bit
6 Pin Configurations and Functions
RTE Package
16-Pin WQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A0
7
I
Four-state address input
AGND
14
GND
Ground reference point for all circuitry on the device.
CLR
16
I
Asynchronous clear pin (active low)
LDAC
8
I
Load DAC pin for simultaneous output update (active low)
SCL
6
I
Serial interface clock
SDA
5
I/O
Data is clocked into or out of the input register. This pin is a bidirectional, open
drain data line that must be connected to the supply voltage with an external
pull-up resistor.
VDD
13
PWR
Analog supply voltage (1.8 V to 5.5 V).
VOUTA
1
O
Analog output voltage from DAC A
VOUTB
2
O
Analog output voltage from DAC B
VOUTC
3
O
Analog output voltage from DAC C
VOUTD
4
O
Analog output voltage from DAC D
VOUTE
9
O
Analog output voltage from DAC E
VOUTF
10
O
Analog output voltage from DAC F
VOUTG
11
O
Analog output voltage from DAC G
VOUTH
12
O
Analog output voltage from DAC H
VREFIN
15
I/O
Reference input to the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com