Electronic Components Datasheet Search
  English  ▼

X  

DAC53608 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC53608
Description  DACx3608 Octal, 10-Bit or 8-Bit, I2CTM Interface, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53608 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC53608 Datasheet HTML 17Page - Texas Instruments DAC53608 Datasheet HTML 18Page - Texas Instruments DAC53608 Datasheet HTML 19Page - Texas Instruments DAC53608 Datasheet HTML 20Page - Texas Instruments DAC53608 Datasheet HTML 21Page - Texas Instruments DAC53608 Datasheet HTML 22Page - Texas Instruments DAC53608 Datasheet HTML 23Page - Texas Instruments DAC53608 Datasheet HTML 24Page - Texas Instruments DAC53608 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
No power-on reset
Power-on reset
0.70
Undefined
0.00
1.70
1.80
5.50
VDD (V)
Specified supply
voltage range
21
DAC53608, DAC43608
www.ti.com
SLASEQ4A – OCTOBER 2018 – REVISED DECEMBER 2018
Product Folder Links: DAC53608 DAC43608
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.1.4 Output Amplifier
The output buffer amplifier generates rail-to-rail voltages on the output, giving a maximum output range of 0 V to
VDD. Equation 1 shows that the full-scale output range of the DAC output is determined by the voltage on the
VREFIN pin
8.3.2 Reference
The DACx3608 requires an external reference to operate. However, the reference pin VREFIN and the supply pin
VDD can be tied together. The reference input pin voltage ranges from 1.8 V to VDD. The typical input impedance
of this pin when all the channels are powered on is 12.5 kΩ.
8.3.3 Power-on-Reset (POR)
The DACx3608 family of devices includes a power-on reset (POR) function that controls the output voltage at
power up. After the VDD supply has been established, a POR event is issued. The POR causes all registers to
initialize to the default values, and communication with the device is valid only after a 5-ms after VDD reaches
DAC operating range. The default value for the DAC data registers is zero-code . The DAC output remains at the
power-up voltage until a valid command is written to a channel.
When the device powers up, a POR circuit sets the device to the default mode. The POR circuit requires specific
VDD levels, as indicated in Figure 55, in order to make sure that the internal capacitors discharge and reset the
device on power up. In order to make sure that a POR occurs, VDD must be less than 0.7 V for at least 1 ms.
When VDD drops to less than 1.7 V but remains greater than 0.7 V (shown as the undefined region), the device
may or may not reset under all specified temperature and power-supply conditions. In this case, initiate a POR.
When VDD remains greater than 1.7 V, a POR does not occur.
Figure 55. Threshold Levels for VDD POR Circuit
8.3.4 Software Reset
A device software reset event is initiated by writing the reserved code 0x1010 to the SW-RST bit in the
TRIGGER register (address 2h).
8.4 Device Functional Modes
The DACx3608 has two modes of operation: normal and power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com