Electronic Components Datasheet Search
  English  ▼

X  

DAC53608 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC53608
Description  DACx3608 Octal, 10-Bit or 8-Bit, I2CTM Interface, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53608 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC53608 Datasheet HTML 2Page - Texas Instruments DAC53608 Datasheet HTML 3Page - Texas Instruments DAC53608 Datasheet HTML 4Page - Texas Instruments DAC53608 Datasheet HTML 5Page - Texas Instruments DAC53608 Datasheet HTML 6Page - Texas Instruments DAC53608 Datasheet HTML 7Page - Texas Instruments DAC53608 Datasheet HTML 8Page - Texas Instruments DAC53608 Datasheet HTML 9Page - Texas Instruments DAC53608 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
DAC53608, DAC43608
SLASEQ4A – OCTOBER 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: DAC53608 DAC43608
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
all minimum/maximum specifications at TA = –40°C to +125°C and all typical specification at TA = 25°C, 1.8 V ≤ VDD ≤ 5.5 V,
VREFIN = 2.5 V for VDD ≥ 2.7 V, VREFIN = 1.8 V for VDD ≤ 2.7 V, RL= 5 kΩ to AGND, CL = 200 pF to AGND, and digital inputs at
VDD or AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZO
DC output impedance
DAC at midscale
0.25
Ω
DAC at code 4d
0.25
DAC at code 1016
0.26
DC-
PSRR
Power supply rejection ratio (DC)
DAC at midscale; VDD = 5 V ± 10%
0.25
mV/V
DYNAMIC PERFORMANCE
tsett
Output voltage settling time
1/4 to 3/4 scale and 3/4 to 1/4 scale
settling to 10%FSR, RL = 5 kΩ, CL = 200
pF, VDD = 5.5 V
10
µs
SR
Slew rate
RL = 5 kΩ, CL = 200 pF, VDD = 5.5 V
0.6
V/µs
Power on glitch magnitude
RL = 5 kΩ, CL = 200 pF
110
mV
Vn
Output noise
0.1 Hz to 10 Hz, DAC at midscale, VDD =
5.5 V
40
µVpp
Vn
Output noise
0.1 Hz to 100 kHz bandwidth, DAC at
midscale, VDD = 5.5 V
0.05
mVrms
Vn
Output noise density
measured at 1 kHz, DAC at midscale,
VDD = 5.5 V
0.2
µV/
√Hz
measured at 10 kHz, DAC at midscale,
VDD = 5.5 V
0.2
AC-
PSRR
Power supply rejection ratio (AC)
200 mV 50/60 Hz sine wave
superimposed on power supply voltage,
DAC at midscale
–71
dB
Channel-to-channel AC crosstalk
Full-scale swing on adjacent channel
1.5
nV-s
Channel-to-channel DC crosstalk
Full-scale swing on all channel,
measured channel at zero or full scale
0.05
LSB
Code change glitch impulse
±1 LSB change around mid code
(including feedthrough)
10
nV-s
Code change glitch impulse magnitude
±1 LSB change around mid code
(including feedthrough)
25
mV
VOLTAGE REFERENCE INPUT
Reference input impedance
All channel powered on
12.5
kΩ
Reference input capacitance
50
pF
DIGITAL INPUTS
Digital feedthrough
At SCLK = 1 MHz, DAC output static at
mid scale
20
nV-s
Pin capacitance
Per pin
10
pF
POWER REQUIREMENTS
IVDD
Current flowing into VDD
Normal mode, all DACs at full scale. SPI
static.
3
5
mA
IVDD
Current flowing into VDD
All DACs power-down
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com