Electronic Components Datasheet Search
  English  ▼

X  

DAC53608 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC53608
Description  DACx3608 Octal, 10-Bit or 8-Bit, I2CTM Interface, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53608 Datasheet(HTML) 2 Page - Texas Instruments

  DAC53608 Datasheet HTML 1Page - Texas Instruments DAC53608 Datasheet HTML 2Page - Texas Instruments DAC53608 Datasheet HTML 3Page - Texas Instruments DAC53608 Datasheet HTML 4Page - Texas Instruments DAC53608 Datasheet HTML 5Page - Texas Instruments DAC53608 Datasheet HTML 6Page - Texas Instruments DAC53608 Datasheet HTML 7Page - Texas Instruments DAC53608 Datasheet HTML 8Page - Texas Instruments DAC53608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
DAC53608, DAC43608
SLASEQ4A – OCTOBER 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: DAC53608 DAC43608
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configurations and Functions ....................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Timing Requirements: I2CTM Standard Mode ........... 7
7.7
Timing Requirements: I2CTM Fast Mode................... 7
7.8
Timing Requirements: I2CTM Fast+ Mode................. 8
7.9
Timing Requirements: Logic ..................................... 8
7.10
Typical Characteristics: 1.8 V ............................... 10
7.11
Typical Characteristics: 5.5 V ............................... 12
7.12
Typical Characteristics .......................................... 17
7.13
Typical Characteristics .......................................... 18
8
Detailed Description ............................................ 19
8.1
Overview ................................................................. 19
8.2
Functional Block Diagram ....................................... 19
8.3
Feature Description................................................. 20
8.4
Device Functional Modes........................................ 21
8.5
Programming........................................................... 22
8.6
Register Map........................................................... 28
9
Application and Implementation ........................ 31
9.1
Application Information............................................ 31
9.2
Typical Applications ................................................ 31
10
Power Supply Recommendations ..................... 34
11
Layout................................................................... 35
11.1
Layout Guidelines ................................................. 35
11.2
Layout Example .................................................... 35
12
Device and Documentation Support ................. 36
12.1
Documentation Support ........................................ 36
12.2
Related Links ........................................................ 36
12.3
Receiving Notification of Documentation Updates 36
12.4
Community Resources.......................................... 36
12.5
Trademarks ........................................................... 36
12.6
Electrostatic Discharge Caution ............................ 36
12.7
Glossary ................................................................ 36
13
Mechanical, Packaging, and Orderable
Information ........................................................... 37
4 Revision History
Changes from Original (October 2018) to Revision A
Page
•
Changed from Advance Information to Production Data ....................................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com