Electronic Components Datasheet Search
  English  ▼

X  

DAC53608 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC53608
Description  DACx3608 Octal, 10-Bit or 8-Bit, I2CTM Interface, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53608 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC53608 Datasheet HTML 6Page - Texas Instruments DAC53608 Datasheet HTML 7Page - Texas Instruments DAC53608 Datasheet HTML 8Page - Texas Instruments DAC53608 Datasheet HTML 9Page - Texas Instruments DAC53608 Datasheet HTML 10Page - Texas Instruments DAC53608 Datasheet HTML 11Page - Texas Instruments DAC53608 Datasheet HTML 12Page - Texas Instruments DAC53608 Datasheet HTML 13Page - Texas Instruments DAC53608 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
D005
DNL Max
DNL Min
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D006
TUE Max
TUE Min
Code
0
128
256
384
512
640
768
896
1024
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D003
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D004
INL Max
INL Min
Code
0
128
256
384
512
640
768
896
1024
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D001
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
Code
0
128
256
384
512
640
768
896
1024
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D002
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
10
DAC53608, DAC43608
SLASEQ4A – OCTOBER 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: DAC53608 DAC43608
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.10 Typical Characteristics: 1.8 V
at TA = 25°C, VDD = 1.8 V, reference = 1.8 V, and DAC outputs unloaded (unless otherwise noted)
Figure 2. Integral Linearity Error vs Digital Input Code
Figure 3. Differential Linearity Error vs Digital Input Code
Figure 4. Total Unadjusted Error vs Digital Input Code
Figure 5. Integral Linearity Error vs Temperature
Figure 6. Differential Linearity Error vs Temperature
Figure 7. Total Unadjusted Error vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com