Electronic Components Datasheet Search
  English  ▼

X  

33E511 Datasheet(PDF) 9 Page - Elma Electronic Ltd

Part # 33E511
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E511 Datasheet(HTML) 9 Page - Elma Electronic Ltd

Back Button 33E511 Datasheet HTML 5Page - Elma Electronic Ltd 33E511 Datasheet HTML 6Page - Elma Electronic Ltd 33E511 Datasheet HTML 7Page - Elma Electronic Ltd 33E511 Datasheet HTML 8Page - Elma Electronic Ltd 33E511 Datasheet HTML 9Page - Elma Electronic Ltd 33E511 Datasheet HTML 10Page - Elma Electronic Ltd 33E511 Datasheet HTML 11Page - Elma Electronic Ltd 33E511 Datasheet HTML 12Page - Elma Electronic Ltd 33E511 Datasheet HTML 13Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.elma.com
03|21
9|16
20
188
212
+ 60 °C
- 10 °C
max. 8
kg
max. 8 kg
C ± 0,3
B ± 0,5
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
Accessories
CARRYING HANDLES
■
Powder-coated zinc die-cast
■
Handle piece: Black polyurethane, UL94 V-0
■
Handle can be attached to any position on the side of the groove
■
Handle is 90° detent (carrying position has a slight detent)
■
According to the enclosure in two widths available
Scope of delivery:
■
1 pre-assembled handle with assembly material
BRACKET FOR MOUNTING IN CONSOLES
■
Mounting brackets of 3 mm (0.11'') aluminum sheet
■
Angles are pushed to the side of the grooves and
with 2 grub screws each M4 x 6 mm positioned
■
With mounting brackets as a built-in enclosure in control panels etc. usable
Scope of delivery:
■
2 mounting brackets
■
4 screws M4 x 6 mm
Color
Part No. 212 mm (8.34'')
for enclosure 2 and 3
Part No. 188 mm (7.40'')
for enclosure 4
Light gray
33-635
33-636
Black
33-645
33-646
Stone gray
33-630
33-631
Description
Part No.
For enclosure 0 - 4
33-650
Carrying capacity depends on distribution of load and
handling. Decreases with dynamic stress.
Enclosure
A
B
C
mm
inch
mm
inch
mm
inch
0
65
2.55
152
5.98
178.5
7.02
1
81.5
3.2
152
5.98
178.5
7.02
2
65
2.55
253
9.96
279.5
11
3
99
3.89
254
10
280.5
11.02
4
121
4.76
207
8.14
233.5
9.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com