Electronic Components Datasheet Search
  English  ▼

X  

33E511 Datasheet(PDF) 10 Page - Elma Electronic Ltd

Part # 33E511
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E511 Datasheet(HTML) 10 Page - Elma Electronic Ltd

Back Button 33E511 Datasheet HTML 6Page - Elma Electronic Ltd 33E511 Datasheet HTML 7Page - Elma Electronic Ltd 33E511 Datasheet HTML 8Page - Elma Electronic Ltd 33E511 Datasheet HTML 9Page - Elma Electronic Ltd 33E511 Datasheet HTML 10Page - Elma Electronic Ltd 33E511 Datasheet HTML 11Page - Elma Electronic Ltd 33E511 Datasheet HTML 12Page - Elma Electronic Ltd 33E511 Datasheet HTML 13Page - Elma Electronic Ltd 33E511 Datasheet HTML 14Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.elma.com
03|21
10|16
5,6
14 14
36
1010
27
M5(2x)
M8
M4(3x)
7
176
172,6
157
120
102
90
4
7,2
26
120
n4
Kartenträger
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
Accessories
HANDLE CHANNEL AND FOOT SLOT NUT
■
Sliding blocks expand the fastening options
■
Handle channel stones are pushed into the side groove of the enclosure
■
Foot slot nut are used instead of the feet
Scope of delivery:
■
Sliding blocks incl. screws
SINGLE EUROCARDS MOUNTING SETS
■
For the installation of Eurocards 100 x 160 mm (3.93 x 6.29'') with connectors according to IEC60603-2
■
Card carrier 1 mm (0.03'') galvanized sheet steel for the installation of the enclosure 0 - 4
■
Other use: Vertical mounting of cards in enclosure size 4 (fastening lugs have to be removed)
Scope of delivery:
■
1 card carrier
■
Assembly material in set
■
A mounting plate has to be ordered if cards are to be
mounted horizontally in enclosure sizes 2, 3 and 4
Enclosure
Description
Scope of delivery
Part No.
0 - 4
Handle groove
1 piece
33-665
0 - 5
Foot groove
4 pieces
33-666
Enclosure
Mounting of cards
Part No.
1, 3 and 4
horizontal
33-205
0 and 2
horizontal
33-204
4
vertical
33-210
Handle groove slot nut
Foot groove slot nut
Other versions
on request
Fastening lugs
(cards mounted vertically)
Note:
For vertical mounting of cards in
enclosure size 4, fastening lugs
have to be removed
Enclosure
A
B
C
D
mm
inch
mm
inch
mm
inch
mm
inch
0 and 2
49.76
1.95
7 x 5.08
0.2
7 x 5.08
0.2
41.76
1.64
1, 3 and 4
65
2.55
10 x 5.08
0.2
10 x 5.08
0.2
57
2.24
Card mounting horizontally:
Card arrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com