Electronic Components Datasheet Search
  English  ▼

X  

33E511 Datasheet(PDF) 16 Page - Elma Electronic Ltd

Part # 33E511
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E511 Datasheet(HTML) 16 Page - Elma Electronic Ltd

Back Button 33E511 Datasheet HTML 8Page - Elma Electronic Ltd 33E511 Datasheet HTML 9Page - Elma Electronic Ltd 33E511 Datasheet HTML 10Page - Elma Electronic Ltd 33E511 Datasheet HTML 11Page - Elma Electronic Ltd 33E511 Datasheet HTML 12Page - Elma Electronic Ltd 33E511 Datasheet HTML 13Page - Elma Electronic Ltd 33E511 Datasheet HTML 14Page - Elma Electronic Ltd 33E511 Datasheet HTML 15Page - Elma Electronic Ltd 33E511 Datasheet HTML 16Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
www.elma.com
16|16
03|21
©
Copyright 2018 by Elma Electronic AG, CH-8620 Wetzikon. Subject to technical modifications, all data supplied without liability.
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
Please contact our sales team for more details.
China: +86 21 5866 5908
France: +33 388 56 72 50
Germany: +49 7231 97 34 0
Israel: +972 3 930 50 25
Singapore: +65 6479 8552
Switzerland: +41 44 933 41 11
United Kingdom: +44 1234 838 822
United States: +1 510 656 3400
Tests
ENVIRONMENTAL AND MECHANICAL TESTS
The Guardbox 33 was tested after the following tests:
■
Vibration
EN50155 (EN61373)
■
Shock
EN60068-2-27
■
IP protection
IEC60529
■
Salt spray test
DIN50021
Detail information to environmental and mechanical tests:
Tests
Information
Vibration EN50155
(EN61373, category 1, class B)
Eff. acceleration: 7.9 m / s2 | Duration: 5 h / axis
Frequency: 5 to 150 Hz
Axis of stimulation: X, Y, Z
Shock EN60068-2-27
Shockform: Halfsinus
Acceleration: 150 m / s2 | Duration: 11 ms
Number of shocks: 3 / axis | Total shocks: 18
IP protection IEC60529
IP65: Guardbox 33 with IP65 sealing set
IP54: Guardbox 33 with IP54 / EMC sealing set
Salt spray test DIN50021
Salt concentration: 5 g / l | Duration: 96 h
Temperature: +35 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com