Electronic Components Datasheet Search
  English  ▼

X  

33E511 Datasheet(PDF) 11 Page - Elma Electronic Ltd

Part # 33E511
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E511 Datasheet(HTML) 11 Page - Elma Electronic Ltd

Back Button 33E511 Datasheet HTML 7Page - Elma Electronic Ltd 33E511 Datasheet HTML 8Page - Elma Electronic Ltd 33E511 Datasheet HTML 9Page - Elma Electronic Ltd 33E511 Datasheet HTML 10Page - Elma Electronic Ltd 33E511 Datasheet HTML 11Page - Elma Electronic Ltd 33E511 Datasheet HTML 12Page - Elma Electronic Ltd 33E511 Datasheet HTML 13Page - Elma Electronic Ltd 33E511 Datasheet HTML 14Page - Elma Electronic Ltd 33E511 Datasheet HTML 15Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.elma.com
03|21
11|16
136
144
116
7
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
Accessories
SINGLE EUROCARDS MOUNTING SETS
Card mounting vertically | enclosure 4
CARD HANDLES
■
Card handles made of transparent plastic for better access
and labeling of the plug-in plates
Scope of delivery:
■
1 card handle
■
Two screws per card handle M2.5 x 5 are needed (ordered separately)
Enclosure size
Part No.
160 mm (6.29'')
61-034
Description
Color
Part No.
Card handle
clear
1091-51
red
1091-54
Cylindrical screw M2.5 x 5
5571-05
Cylinder head screw torx T8 (M2.5 x 5)
5470-07
CARD GUIDES
■
In each pair, one card guide is fitted with a card locking mechanism
■
Light gray UL94 V-0
Scope of delivery:
■
Card guides in pairs
Card handles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com