Electronic Components Datasheet Search
  English  ▼

X  

33E511 Datasheet(PDF) 15 Page - Elma Electronic Ltd

Part # 33E511
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E511 Datasheet(HTML) 15 Page - Elma Electronic Ltd

Back Button 33E511 Datasheet HTML 8Page - Elma Electronic Ltd 33E511 Datasheet HTML 9Page - Elma Electronic Ltd 33E511 Datasheet HTML 10Page - Elma Electronic Ltd 33E511 Datasheet HTML 11Page - Elma Electronic Ltd 33E511 Datasheet HTML 12Page - Elma Electronic Ltd 33E511 Datasheet HTML 13Page - Elma Electronic Ltd 33E511 Datasheet HTML 14Page - Elma Electronic Ltd 33E511 Datasheet HTML 15Page - Elma Electronic Ltd 33E511 Datasheet HTML 16Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
www.elma.com
03|21
15|16
Ø ≥ 50
Ø ≥ 12.5
Ø ≥ 2.5
Ø ≥ 1
15°
360°
360°
360°
60°
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
Norms
IP PROTECTION CLASSES
■
Protection against contact and foreign bodies according to IEC60529
■
Protection against water according to IEC60529
Evaluation of classification:
■
The test results according to the standard do not entirely exclude leaks and an individual test is therefore recommended
in critical cases (with the actual equipment layout)
■
The protection class for cabinets and enclosures is specified by IP (International protection) and two indices
Example IP55
Protection against penetration by water jets from all directions
Complete protection against contact with internal parts and against dust deposition
First index
Contact protection
Foreign body protection
Second index
Water protection
0
No special protection
0
No special protection
1
Against large areas of body
Large objects
Ø ≥ 50 mm (1.97'')
1
Against water dripping
vertically
2
Against fingers or objects
of similar size
Medium-sized objects
Ø ≥ 12.5 mm (0.49'')
2
Against water dripping
at an angle (up to 15°
from the vertical)
3
Against tools, wires, etc.
with a thickness of > 2.5mm
Small objects
Ø ≥ 2.5 mm (0.10'')
3
Against spray water
(any direction up to 60°
from the vertical)
4
Against tools, wires,
etc. with thickness > 1mm
Grain-like objects
Ø ≥ 1.0 mm (0.04'')
4
Against spray water from all
directions
5
Complete protection
Dust-protected: Dust deposits
are permitted, but their
volume must not affect the
function of the unit
5
Against water jets from
a nozzle in all directions
6
Complete protection
Dust-proof
6
Against inundation
7
Against immersion
8
Against submersion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com