Electronic Components Datasheet Search
  English  ▼

X  

33E511 Datasheet(PDF) 5 Page - Elma Electronic Ltd

Part # 33E511
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E511 Datasheet(HTML) 5 Page - Elma Electronic Ltd

  33E511 Datasheet HTML 1Page - Elma Electronic Ltd 33E511 Datasheet HTML 2Page - Elma Electronic Ltd 33E511 Datasheet HTML 3Page - Elma Electronic Ltd 33E511 Datasheet HTML 4Page - Elma Electronic Ltd 33E511 Datasheet HTML 5Page - Elma Electronic Ltd 33E511 Datasheet HTML 6Page - Elma Electronic Ltd 33E511 Datasheet HTML 7Page - Elma Electronic Ltd 33E511 Datasheet HTML 8Page - Elma Electronic Ltd 33E511 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.elma.com
03|21
5|16
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
Product structure
BASIC ENCLOSURE
■
Aluminum profile
■
Powder coated
■
With or without air perforation slots in bottom
Scope of delivery:
■
1 U-shaped bottom
■
1 cover
Basic enclosure light gray:
Enclosure
Without air perforation
With air perforation
Depth mm
120
180
240
300
240
300
Depth inch
4.72
7.08
9.44
11.81
9.44
11.81
0
33E717
33E721
33E725
1
33E705
33E709
33E713
2
33E733
33E737
33E734
33E738
3
33E757
33E761
33E758
33E762
4
33E777
33E781
33E785
33E782
33E786
5
33E741
33E744
Enclosure
Without air perforation
With air perforation
Depth mm
120
180
240
300
240
300
Depth inch
4.72
7.08
9.44
11.81
9.44
11.81
0
33E717-06
33E721-06
33E725-06
1
33E705-06
33E709-06
33E713-06
2
33E733-06
33E737-06
33E734-06
33E738-06
3
33E757-06
33E761-06
33E758-06
33E762-06
4
33E777-06
33E781-06
33E785-06
33E782-06
33E786-06
5
33E741-06
33E744-06
Enclosure
Without air perforation
With air perforation
Depth mm
120
180
240
300
240
300
Depth inch
4.72
7.08
9.44
11.81
9.44
11.81
0
33E717-00
33E721-00
33E725-00
1
33E705-00
33E709-00
33E713-00
2
33E733-00
33E737-00
33E734-00
33E738-00
3
33E757-00
33E761-00
33E758-00
33E762-00
4
33E777-00
33E781-00
33E785-00
33E782-00
33E786-00
5
33E741-00
33E744-00
Basic enclosure black:
Basic enclosure stone gray:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com