Electronic Components Datasheet Search
  English  ▼

X  

33E511 Datasheet(PDF) 6 Page - Elma Electronic Ltd

Part # 33E511
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E511 Datasheet(HTML) 6 Page - Elma Electronic Ltd

Back Button 33E511 Datasheet HTML 2Page - Elma Electronic Ltd 33E511 Datasheet HTML 3Page - Elma Electronic Ltd 33E511 Datasheet HTML 4Page - Elma Electronic Ltd 33E511 Datasheet HTML 5Page - Elma Electronic Ltd 33E511 Datasheet HTML 6Page - Elma Electronic Ltd 33E511 Datasheet HTML 7Page - Elma Electronic Ltd 33E511 Datasheet HTML 8Page - Elma Electronic Ltd 33E511 Datasheet HTML 9Page - Elma Electronic Ltd 33E511 Datasheet HTML 10Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.elma.com
03|21
6|16
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
Product structure
FRAME
■
Protects the entire enclosure
■
High quality plastic, UL94 V-0
Scope of delivery:
■
1 plastic frame
■
For one Guardbox 33 two frames have to be ordered
FRONT / REAR PANEL
■
Front / rear panel of 2.5 mm (0.9'') anodised aluminum
■
Screwed on the front of the enclosure profiles
(give the frame a required stability)
■
With or without air perforation
■
IP54 / EMC protection and IP65
Scope of delivery:
■
1 front / rear panel with or without air perforation
(for one two front / rear panels have to be ordered)
■
IP54 / EMC protection and IP65 set: 1 front, 1 rear panel,
2 self-adhesive seals, sealing hose, washers
■
Torque of mounting screws (IP protection): 0.7 to 0.75 Nm
Enclosure
Light gray
Black
Stone gray
0
33-000-03
33-000-06
33-000
1
33-001-03
33-001-06
33-001
2
33-002-03
33-002-06
33-002
3
33-003-03
33-003-06
33-003
4
33-004-03
33-004-06
33-004
5
33-005-03
33-005-06
33-005
Enclosure
Without
air perforation
With
air perforation
Without air
perforation IP65
Without air perfo-
ration IP54 / EMC
EMC level
Basic advanced
Basic
-
Advanced plus
0
33E400-50
33E400-51
33-520
33E520
1
33E401-50
33-521
33E521
2
33E402-50
33E402-51
33-522
33E522
3
33E403-50
33E403-51
33-523
33E523
4
33E404-50
33E404-51
33-524
33E524
5
33E405-50
33-525
33E525
Enclosure
A
B
C
D
n
l
mm
inch
mm
inch
mm
inch
mm
inch
0
142.3
5.60
63.5
2.50
137.0
5.39
35
1.37
24
126.52
1
142.3
5.60
80
3.14
137.0
5.39
51.5
2.02
24
126.52
2
243.3
9.57
63.5
2.50
238.4
9.38
35
1.37
40
212.92
3
244.4
9.62
97.5
3.83
238.4
9.38
69
2.71
40
212.92
4
197.5
7.77
119.5
4.70
190.6
7.50
91
3.58
32
169.72
5
243.3
9.57
49.5
1.94
238.4
9.38
21
0.82
-
-
n = number of slots
l = distance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com