Electronic Components Datasheet Search
  English  ▼

X  

33E511 Datasheet(PDF) 12 Page - Elma Electronic Ltd

Part # 33E511
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E511 Datasheet(HTML) 12 Page - Elma Electronic Ltd

Back Button 33E511 Datasheet HTML 8Page - Elma Electronic Ltd 33E511 Datasheet HTML 9Page - Elma Electronic Ltd 33E511 Datasheet HTML 10Page - Elma Electronic Ltd 33E511 Datasheet HTML 11Page - Elma Electronic Ltd 33E511 Datasheet HTML 12Page - Elma Electronic Ltd 33E511 Datasheet HTML 13Page - Elma Electronic Ltd 33E511 Datasheet HTML 14Page - Elma Electronic Ltd 33E511 Datasheet HTML 15Page - Elma Electronic Ltd 33E511 Datasheet HTML 16Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.elma.com
03|21
12|16
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
Accessories
MOUNTING SET FOR PLUG-IN UNITS (SINGLE EUROCARDS)
■
Galvanised sheet steel plug-in sub-unit allowing 3 U plug-in units (Eurocards 100 x 160 mm with IEC60603-2
connectors and flat or extruded front panels) to be mounted horizontally in the Guardbox 33
■
Installation height 12 HP
■
Enclosure front panel 129.2 x 61 mm (5.08 x 2.40'') is made from 2.5 mm thick anodised sheet aluminum
Scope of delivery:
■
1 plug-in card carrier sub-unit
■
1 front panel with opening for enclosure 1
■
Assembly material for sub-unit
Mounting set for plug-in units (single Eurocards):
Description
Part No.
Complete sub-unit for enclosure 1
33-207
Description
Part No.
Plug-in block
33-210
Assembly material for plug-in unit
33-616
Sub-unit for enclosure 3 and 4:
■
The sub-unit can also be used for enclosure 3 and 4.
(front panel can be manufactured with openings to your own specifications)
■
The corresponding mounting plate must be ordered to install the plug-in block
CARD STOP SET
■
Card stoppers are used for card fixation of double Eurocards,
if these are installed directly in enclosures 2, 3 and 5
Scope of delivery:
■
4 card stopper made of aluminum profile
■
4 hexagon socket set screws
■
1 hexagon socket key
Enclosure
Part No.
0 - 5
33-618



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com