Electronic Components Datasheet Search
  English  ▼

X  

INA3221 Datasheet(PDF) 27 Page - Texas Instruments

Part # INA3221
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA3221 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 23Page - Texas Instruments INA3221 Datasheet HTML 24Page - Texas Instruments INA3221 Datasheet HTML 25Page - Texas Instruments INA3221 Datasheet HTML 26Page - Texas Instruments INA3221 Datasheet HTML 27Page - Texas Instruments INA3221 Datasheet HTML 28Page - Texas Instruments INA3221 Datasheet HTML 29Page - Texas Instruments INA3221 Datasheet HTML 30Page - Texas Instruments INA3221 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
Table 7-6. Configuration Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2-0
MODE3-1
R/W
7h
Operating mode. These bits select continuous, single-shot
(triggered), or power-down mode of operation. These bits default
to continuous shunt and bus mode.
000 = Power-down
001 = Shunt voltage, single-shot (triggered)
010 = Bus voltage, single-shot (triggered)
011 = Shunt and bus, single-shot (triggered)
100 = Power-down
101 = Shunt voltage, continuous
110 = Bus voltage, continuous
111 = Shunt and bus, continuous (default)
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com