Electronic Components Datasheet Search
  English  ▼

X  

INA3221 Datasheet(PDF) 46 Page - Texas Instruments

Part # INA3221
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA3221 Datasheet(HTML) 46 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 42Page - Texas Instruments INA3221 Datasheet HTML 43Page - Texas Instruments INA3221 Datasheet HTML 44Page - Texas Instruments INA3221 Datasheet HTML 45Page - Texas Instruments INA3221 Datasheet HTML 46Page - Texas Instruments INA3221 Datasheet HTML 47Page - Texas Instruments INA3221 Datasheet HTML 48Page - Texas Instruments INA3221 Datasheet HTML 49Page - Texas Instruments INA3221 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
www.ti.com
GENERIC PACKAGE VIEW
Images above are just a representation of the package family, actual package may vary.
Refer to the product data sheet for package details.
VQFN - 1 mm max height
RGV 16
PLASTIC QUAD FLATPACK - NO LEAD
4 x 4, 0.65 mm pitch
4224748/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com