Electronic Components Datasheet Search
  English  ▼

X  

INA3221 Datasheet(PDF) 29 Page - Texas Instruments

Part # INA3221
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA3221 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 25Page - Texas Instruments INA3221 Datasheet HTML 26Page - Texas Instruments INA3221 Datasheet HTML 27Page - Texas Instruments INA3221 Datasheet HTML 28Page - Texas Instruments INA3221 Datasheet HTML 29Page - Texas Instruments INA3221 Datasheet HTML 30Page - Texas Instruments INA3221 Datasheet HTML 31Page - Texas Instruments INA3221 Datasheet HTML 32Page - Texas Instruments INA3221 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
7.6.2.4 Channel-2 Shunt-Voltage Register (address = 03h) [reset = 00h]
This register contains the averaged shunt voltage measurement for channel 2. Full-scale range = 163.8mV
(decimal = 7FF8); LSB (SD0): 40μV. Although the input range is 26V, the full-scale range of the ADC scaling is
32.76V. Do not apply more than 26V.
Table 7-11. Channel-2 Shunt-Voltage Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SIGN
SD11
SD10
SD9
SD8
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
—
—
—
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-12. Channel-2 Shunt-Voltage Register Field Descriptions
Bit
Field
Type
Reset
Description
15
SIGN
R
0h
Sign bit.
0 = positive number
1 = negative number in twos complement format
14-3
SD11-0
R
0h
Channel-2 shunt-voltage data bits
2-0
Reserved
R
0h
Reserved
7.6.2.5 Channel-2 Bus-Voltage Register (address = 04h) [reset = 00h]
This register stores the bus voltage reading, VBUS, for channel 2. Full-scale range = 32.76V (decimal = 7FF8);
LSB (BD0) = 8mV. Although the input range is 26V, the full-scale range of the ADC scaling is 32.76V. Do not
apply more than 26V.
Table 7-13. Channel-2 Bus-Voltage Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SIGN
BD11
BD10
BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
—
—
—
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-14. Channel-2 Bus-Voltage Register Field Descriptions
Bit
Field
Type
Reset
Description
15
SIGN
R
0h
Sign bit.
0 = positive number
1 = negative number in twos complement format
14-3
BD11-0
R
0h
Channel-2 bus-voltage data bits
2-0
Reserved
R
0h
Reserved
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com