Electronic Components Datasheet Search
  English  ▼

X  

INA3221 Datasheet(PDF) 37 Page - Texas Instruments

Part # INA3221
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA3221 Datasheet(HTML) 37 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 33Page - Texas Instruments INA3221 Datasheet HTML 34Page - Texas Instruments INA3221 Datasheet HTML 35Page - Texas Instruments INA3221 Datasheet HTML 36Page - Texas Instruments INA3221 Datasheet HTML 37Page - Texas Instruments INA3221 Datasheet HTML 38Page - Texas Instruments INA3221 Datasheet HTML 39Page - Texas Instruments INA3221 Datasheet HTML 40Page - Texas Instruments INA3221 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
INA3221 is a three-channel current and bus voltage monitor with I2C/SMBUS-compatible interface. It features
programmable conversion times and averaging modes and offers both critical and warning alerts to detect
multiple programmable out-of-range conditions for each channel.
8.2 Typical Application
The INA3221 measures the voltage developed across a current-sensing resistor when current passes through
the resistor. The device also measures the bus supply voltage at the IN- pin. Multiple monitoring functions are
supported using four alert pins: Critical, Warning, PV, and TC. Programmable thresholds make sure operation is
within desired operating conditions. This design illustrates the ability of the Critical alert pin to respond to a set
threshold.
Figure 8-1 illustrates a typical INA3221 application circuit using all three channels. For best performance, use a
0.1μF ceramic capacitor for power-supply bypassing, placed as close as possible to the supply and ground pins.
The digital pins (SCL, SDA, Critical, Warning, TC) are connected to supply through pull-up resistors. The power
valid (PV) alert pin is connected to the VPU pin through a pull-up resistor to enable power-valid monitoring.
Power Supply
(0V to 26V)
Load 1
Load 2
Power Supply
(0V to 26V)
Load 3
Power Supply
(0V to 26V)
CBYPASS
0.1µF
VS (Supply
Voltage)
CH 1
CH 2
VIN–1
VIN+1
VIN–2
VIN+2
CH 3
VIN–3
VIN+3
I
2C-
and
SMBus-
Compatible
Interface
SDA
SCL
A0
Critical
Warning
GND
ADC
Shunt
Voltages 1-3
Critical Limit
Alerts 1-3
Bus
Voltages 1-3
Power Valid (PV)
Timing Control (TC)
Shunt Voltage
Sum Alerts
VS
VPU
10kΩ
VPU
10kΩ
Figure 8-1. INA3221 as an Overcurrent Sensor
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com