Electronic Components Datasheet Search
  English  ▼

X  

INA3221 Datasheet(PDF) 31 Page - Texas Instruments

Part # INA3221
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA3221 Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 27Page - Texas Instruments INA3221 Datasheet HTML 28Page - Texas Instruments INA3221 Datasheet HTML 29Page - Texas Instruments INA3221 Datasheet HTML 30Page - Texas Instruments INA3221 Datasheet HTML 31Page - Texas Instruments INA3221 Datasheet HTML 32Page - Texas Instruments INA3221 Datasheet HTML 33Page - Texas Instruments INA3221 Datasheet HTML 34Page - Texas Instruments INA3221 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
7.6.2.8 Channel-1 Critical-Alert Limit Register (address = 07h) [reset = 7FF8h]
This register contains the value used to compare to each shunt voltage conversion on channel 1 to detect fast
overcurrent events.
Table 7-19. Channel-1 Critical-Alert Limit Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
C1L12 C1L11 C1L10
C1L9
C1L8
C1L7
C1L6
C1L5
C1L4
C1L3
C1L2
C1L1
C1L0
—
—
—
RW-0
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-0
RW-0
RW-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-20. Channel-1 Critical-Alert Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
15-3
C1L12-0
R/W
FFFh
Channel-1 critical-alert-limit data bits
2-0
Reserved
R/W
0h
Reserved
7.6.2.9 Warning-Alert Channel-1 Limit Register (address = 08h) [reset = 7FF8h]
This register contains the value used to compare to the averaged shunt voltage value of channel 1 to detect a
longer duration overcurrent event.
Table 7-21. Channel-1 Warning-Alert Limit Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
W1L12 W1L11 W1L10 W1L9
W1L8
W1L7
W1L6
W1L5
W1L4
W1L3
W1L2
W1L1
W1L0
—
—
—
RW-0
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-0
RW-0
RW-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-22. Channel-1 Warning-Alert Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
15-3
W1L12-0
R/W
FFFh
Channel-1 warning-alert-limit data bits
2-0
Reserved
R/W
0h
Reserved
7.6.2.10 Channel-2 Critical-Alert Limit Register (address = 09h) [reset = 7FF8h]
This register contains the value used to compare to each shunt voltage conversion on channel 2 to detect fast
overcurrent events.
Table 7-23. Channel-2 Critical-Alert Limit Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
C2L12 C2L11 C2L10
C2L9
C2L8
C2L7
C2L6
C2L5
C2L4
C2L3
C2L2
C2L1
C2L0
—
—
—
RW-0
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-0
RW-0
RW-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-24. Channel-2 Critical-Alert Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
15-3
C2L12-0
R/W
FFFh
Channel-2 critical-alert-limit data bits
2-0
Reserved
R/W
0h
Reserved
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com