Electronic Components Datasheet Search
  English  ▼

X  

INA3221 Datasheet(PDF) 38 Page - Texas Instruments

Part # INA3221
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA3221 Datasheet(HTML) 38 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 34Page - Texas Instruments INA3221 Datasheet HTML 35Page - Texas Instruments INA3221 Datasheet HTML 36Page - Texas Instruments INA3221 Datasheet HTML 37Page - Texas Instruments INA3221 Datasheet HTML 38Page - Texas Instruments INA3221 Datasheet HTML 39Page - Texas Instruments INA3221 Datasheet HTML 40Page - Texas Instruments INA3221 Datasheet HTML 41Page - Texas Instruments INA3221 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
8.2.1 Design Requirements
For this design example, use the input parameters shown in Table 8-1. All other register settings are default.
Table 8-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Supply voltage, VS
5V
Pull-up resistors
10kΩ
Input range
–163.84 to +163.8
Enabled channel
CH1
Operating mode
Shunt voltage, continuous
Average setting
1
Critical alert limit
80mV
Critical Alert Limit register setting
7D0h
8.2.2 Detailed Design Procedure
This design shows two shunt voltage conversion times to demonstrate the difference in the alert response times.
This design generates a critical-alert response when the input voltage exceeds 80mV on channel 1. See Table
8-1 for all design parameters.
For the first example the shunt voltage conversion time is set to 1.1ms. When the input signal exceeds 80mV,
the Critical alert pin pulls low after the conversion cycle completes, indicating an overcurrent condition, as shown
in Figure 8-2.
For the second example, the conversion time is set to 588µs, and the response is shown in Figure 8-3.
8.2.3 Application Curves
Figure 8-2 shows the Critical alert pin response to a shunt voltage overlimit of 80mV for a conversion time of
1.1ms. Figure 8-3 shows the response for the same limit, but with the conversion time reduced to 588µs.
Time (200 s/div)
CRITICAL ALERT
INPUT
LIMIT
Configuration register = 4125h, conversion time = 1.1ms
Figure 8-2. Critical Alert Response for 1.1ms
Conversion Time
Time (100 s/div)
CRITICAL ALERT
INPUT
LIMIT
Configuration register = 40DDh, conversion time = 588µs
Figure 8-3. Critical Alert Response for 588µs
Conversion Time
8.3 Power Supply Recommendations
The input circuitry of the device can accurately measure signals on common-mode voltages beyond the power
supply voltage, VS. For example, the voltage applied to the VS power supply terminal can be 5V, whereas the
load power-supply voltage being monitored (the common-mode voltage) on any one of the three channels can
be as high as 26V. Note also that the device can withstand the full 0V to 26V range at the input terminals,
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
38
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com