Electronic Components Datasheet Search
  English  ▼

X  

INA3221 Datasheet(PDF) 48 Page - Texas Instruments

Part # INA3221
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA3221 Datasheet(HTML) 48 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 42Page - Texas Instruments INA3221 Datasheet HTML 43Page - Texas Instruments INA3221 Datasheet HTML 44Page - Texas Instruments INA3221 Datasheet HTML 45Page - Texas Instruments INA3221 Datasheet HTML 46Page - Texas Instruments INA3221 Datasheet HTML 47Page - Texas Instruments INA3221 Datasheet HTML 48Page - Texas Instruments INA3221 Datasheet HTML 49Page - Texas Instruments INA3221 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
12X (0.65)
(0.83)
(0.83)
(R0.05) TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
16X (0.75)
16X (0.305)
(3.65)
(3.65)
(
2.16)
(
0.2) TYP
VIA
VQFN - 1 mm max height
RGV0016A
PLASTIC QUAD FLATPACK - NO LEAD
4219037/A 06/2019
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
SEE SOLDER MASK
DETAIL
1
4
5
8
9
12
13
16
17
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com