Electronic Components Datasheet Search
  English  ▼

X  

ISO6763F Datasheet(PDF) 29 Page - Texas Instruments

Part # ISO6763F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6763F Datasheet(HTML) 29 Page - Texas Instruments

Back Button ISO6763F Datasheet HTML 25Page - Texas Instruments ISO6763F Datasheet HTML 26Page - Texas Instruments ISO6763F Datasheet HTML 27Page - Texas Instruments ISO6763F Datasheet HTML 28Page - Texas Instruments ISO6763F Datasheet HTML 29Page - Texas Instruments ISO6763F Datasheet HTML 30Page - Texas Instruments ISO6763F Datasheet HTML 31Page - Texas Instruments ISO6763F Datasheet HTML 32Page - Texas Instruments ISO6763F Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
8.4 Device Functional Modes
Table 8-2 lists the functional modes for the ISO676x devices.
Table 8-2. Function Table
VCCI (1)
VCCO
INPUT
(INx) (3)
OUTPUT
(OUTx)
COMMENTS
PU
PU
H
H
Normal Operation: A channel output assumes the logic state of its input.
L
L
Open
Default
Default mode: When INx is open, the corresponding channel output goes to
its default logic state. Default is High for ISO676x and Low for ISO676x with F
suffix.
PD
PU
X
Default
Default mode: When VCCI is unpowered, a channel output assumes the logic
state based on the selected default option. Default is High for ISO676x and
Low for ISO676x with F suffix. When VCCI transitions from unpowered to
powered-up, a channel output assumes the logic state of the input. When
VCCI transitions from powered-up to unpowered, channel output assumes the
selected default state.
X
PD
X
Undetermined
When VCCO is unpowered, a channel output is undetermined(2). When VCCO
transitions from unpowered to powered-up, a channel output assumes the
logic state of the input.
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC; PU = Powered up (VCC ≥ 1.71 V); PD = Powered down (VCC ≤ 1.05 V); X = Irrelevant;
H = High level; L = Low level ; Z = High Impedance
(2)
The outputs are in undetermined state when 1.05 V < VCCI, VCCO < 1.71 V and 1.89 V < VCCI, VCCO < 2.25 V
(3)
A strongly driven input signal can weakly power the floating VCC through an internal protection diode and cause undetermined output
8.4.1 Device I/O Schematics
Input (Devices without F suffix)
985
INx
VCCI
VCCI
VCCI
Input (Devices with F suffix)
985
INx
VCCI
VCCI
VCCI
Output
VCCO
~20
OUTx
VCCI
1.5 M
1.5 M
Figure 8-3. Device I/O Schematics
www.ti.com
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com