Electronic Components Datasheet Search
  English  ▼

X  

ISO6763F Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO6763F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6763F Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO6763F Datasheet HTML 5Page - Texas Instruments ISO6763F Datasheet HTML 6Page - Texas Instruments ISO6763F Datasheet HTML 7Page - Texas Instruments ISO6763F Datasheet HTML 8Page - Texas Instruments ISO6763F Datasheet HTML 9Page - Texas Instruments ISO6763F Datasheet HTML 10Page - Texas Instruments ISO6763F Datasheet HTML 11Page - Texas Instruments ISO6763F Datasheet HTML 12Page - Texas Instruments ISO6763F Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
DW-16
CLR
External clearance(1)
Shortest terminal-to-terminal distance through air
>8
mm
CPG
External creepage(1)
Shortest terminal-to-terminal distance across the
package surface
>8
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
>17
um
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
>600
V
Material group
According to IEC 60664-1
I
Overvoltage category per IEC 60664-1
Rated mains voltage ≤ 600 VRMS
I-IV
Rated mains voltage ≤ 1000 VRMS
I-III
DIN EN IEC 60747-17 (VDE 0884-17)(2)
VIORM
Maximum repetitive peak isolation voltage
AC voltage (bipolar)
2121
VPK
VIOWM
Maximum working isolation voltage
AC voltage; Time dependent dielectric breakdown
(TDDB) Test; See Figure 9-8
1500
VRMS
DC voltage
2121
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM,
t = 60 s (qualification);
VTEST = 1.2 x VIOTM,
t= 1 s (100% production)
7071
VPK
VIMP
Maximum impulse voltage(3)
Tested in air, 1.2/50-us waveform per IEC 62368-1
7692
VPK
VIOSM
Maximum surge isolation voltage(4)
VIOSM ≥ 1.3 x VIMP; Tested in oil (qualification test),
1.2/50-μs waveform per IEC 62368-1
10000
VPK
qpd
Apparent charge(5)
Method a, After Input-output safety test subgroup 2/3,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.2 x VIORM, tm = 10 s
≤5
pC
Method a, After environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.6 x VIORM, tm = 10 s
≤5
Method b: At routine test (100% production) and
preconditioning (type test);
Vini = 1.2 x VIOTM, tini = 1 s;
Vpd(m) = 1.875 x VIORM, tm = 1 s (method b1) or
Vpd(m) = Vini, tm = tini (method b2)
≤5
CIO
Barrier capacitance, input to output(6)
VIO = 0.4 x sin (2πft), f = 1 MHz
~1
pF
RIO
Isolation resistance(6)
VIO = 500 V, TA = 25°C
>1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125°C
>1011
VIO = 500 V at TS = 150°C
>109
Pollution degree
2
Climatic category
40/125/21
UL 1577
VISO
Maximum withstanding isolation voltage
VTEST = VISO , t = 60 s (qualification),
VTEST = 1.2 x VISO , t = 1 s (100% production)
5000
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become
equal in certain cases. Techniques such as inserting grooves and/or ribs on a printed-circuit board are used to help increase these
specifications.
(2)
This coupler is suitable for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured
by means of suitable protective circuits.
(3)
Testing is carried out in air to determine the surge immunity of the package.
(4)
Testing is carried out in oil to determine the intrinsic surge immunity of the isolation barrier.
(5)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(6)
All pins on each side of the barrier tied together creating a two-terminal device.
www.ti.com
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com