Electronic Components Datasheet Search
  English  ▼

X  

ISO6763F Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO6763F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6763F Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO6763F Datasheet HTML 4Page - Texas Instruments ISO6763F Datasheet HTML 5Page - Texas Instruments ISO6763F Datasheet HTML 6Page - Texas Instruments ISO6763F Datasheet HTML 7Page - Texas Instruments ISO6763F Datasheet HTML 8Page - Texas Instruments ISO6763F Datasheet HTML 9Page - Texas Instruments ISO6763F Datasheet HTML 10Page - Texas Instruments ISO6763F Datasheet HTML 11Page - Texas Instruments ISO6763F Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
6.4 Thermal Information
THERMAL METRIC (1)
ISO676x
UNIT
DW (SOIC)
16 PINS
RθJA
Junction-to-ambient thermal resistance
68.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31.8
°C/W
RθJB
Junction-to-board thermal resistance
32.7
°C/W
ψJT
Junction-to-top characterization parameter
13.5
°C/W
ψJB
Junction-to-board characterization parameter
32.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO6760
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, Input a 25-MHz 50% duty cycle
square wave
192
mW
PD1
Maximum power dissipation (side-1)
45
mW
PD2
Maximum power dissipation (side-2)
147
mW
ISO6761
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, Input a 25-MHz 50% duty cycle
square wave
197
mW
PD1
Maximum power dissipation (side-1)
63
mW
PD2
Maximum power dissipation (side-2)
134
mW
ISO6762
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, Input a 25-MHz 50% duty cycle
square wave
197
mW
PD1
Maximum power dissipation (side-1)
81
mW
PD2
Maximum power dissipation (side-2)
116
mW
ISO6763
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, Input a 25-MHz 50% duty cycle
square wave
196
mW
PD1
Maximum power dissipation (side-1)
98
mW
PD2
Maximum power dissipation (side-2)
98
mW
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com