Electronic Components Datasheet Search
  English  ▼

X  

ISO6763F Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO6763F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6763F Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO6763F Datasheet HTML 7Page - Texas Instruments ISO6763F Datasheet HTML 8Page - Texas Instruments ISO6763F Datasheet HTML 9Page - Texas Instruments ISO6763F Datasheet HTML 10Page - Texas Instruments ISO6763F Datasheet HTML 11Page - Texas Instruments ISO6763F Datasheet HTML 12Page - Texas Instruments ISO6763F Datasheet HTML 13Page - Texas Instruments ISO6763F Datasheet HTML 14Page - Texas Instruments ISO6763F Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
6.9 Electrical Characteristics—5-V Supply
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = -4 mA; See Figure 7-1
VCCO - 0.4
V
VOL
Low-level output voltage
IOL = 4 mA; See Figure 7-1
0.4
V
VIT+(IN)
Rising input switching threshold
0.7 x VCCI (1)
V
VIT-(IN)
Falling input switching threshold
0.3 x VCCI
V
VI(HYS)
Input threshold voltage hysteresis
0.1 x VCCI
V
IIH
High-level input current
VIH = VCCI (1) at INx
10
µA
IIL
Low-level input current
VIL = 0 V at INx
-10
µA
CMTI
Common mode transient immunity
VI = VCC or 0 V, VCM = 1200
V; See Figure 7-3
100
150
kV/us
Ci
Input Capacitance (2)
VI = VCC/ 2 + 0.4×sin(2πft), f = 2
MHz, VCC = 5 V
2.8
pF
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC
(2)
Measured from input pin to same side ground.
6.10 Supply Current Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted).
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO6760
Supply current - DC signal
VI = VCC1 (ISO6760); VI = 0 V (ISO6760 with F suffix)
ICC1
2.2
2.8
mA
ICC2
3.1
5.2
VI = 0 V (ISO6760); VI = VCC1 (ISO6760 with F suffix)
ICC1
8.3
11.1
ICC2
3.4
5.7
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
5.3
7.0
ICC2
3.7
5.9
10 Mbps
ICC1
5.4
7.2
ICC2
7.0
9.7
50 Mbps
ICC1
6.3
8.1
ICC2
21.9
26.6
ISO6761
Supply current - DC signal
VI = VCC1 (ISO6761); VI = 0 V (ISO6761 with F suffix)
ICC1
2.4
3.5
mA
ICC2
3.6
5.8
VI = 0 V (ISO6761); VI = VCC1 (ISO6761 with F suffix)
ICC1
7.6
10.4
ICC2
5.0
7.6
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
5.1
7.0
ICC2
4.6
7.0
10 Mbps
ICC1
5.8
7.8
ICC2
7.4
10.2
50 Mbps
ICC1
8.9
11.4
ICC2
20.0
24.4
ISO6762
www.ti.com
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com